Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB4712 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB4712
Description  USB 2.0 Hi-Speed Retimer Hub Family with Auto-FlexConnect Capability
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4712 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB4712 Datasheet HTML 6Page - Microchip Technology USB4712 Datasheet HTML 7Page - Microchip Technology USB4712 Datasheet HTML 8Page - Microchip Technology USB4712 Datasheet HTML 9Page - Microchip Technology USB4712 Datasheet HTML 10Page - Microchip Technology USB4712 Datasheet HTML 11Page - Microchip Technology USB4712 Datasheet HTML 12Page - Microchip Technology USB4712 Datasheet HTML 13Page - Microchip Technology USB4712 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
USB4712
DS00002774G-page 10
 2018-2021 Microchip Technology Inc.
3.2
Pin Descriptions
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB Interface
USB Upstream D+
USBH_DP0
I/O-U
Upstream USB 2.0 Data Plus (D+)
USB Upstream D-
USBH_DM0
I/O-U
Upstream USB 2.0 Data Minus (D-)
USB
Downstream Port
1 D+
FLEX_USB_DP1
I/O-U
Downstream USB 2.0 Port 1 Data Plus (D+)
USB
Downstream Port
1 D-
FLEX_USB_DM1
I/O-U
Downstream USB 2.0 Port 1 Data Minus (D-)
USB Port Control Pins
USB Port 1 Power
Enable
PRT_CTL1
I/O12
Active high control signal to enable power to downstream
port 1.
USB Port 1 Over-
current Sense
OCS1
I/O12
Overcurrent sense for port 1.
SPI Interface Pins
SPI Clock
SPI_CLK
I/O4
SPI clock.
SPI Data Out
SPI_DO
I/O4
SPI output data. If the SPI interface is enabled, this signal
is the data out for the SPI port.
SPI Data In
SPI_DI
I/O4
SPI input data. If the SPI interface is enabled, this signal
must have a weak pull-down applied at all times to pre-
vent floating.
Note:
If SPI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_BC_EN pin description.
SPI Chip
Enable
SPI_CE_EN
I/O4
Active low SPI chip enable input. If the SPI interface is
enabled, this pin must be driven high in powerdown
states.
Note:
If SPI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_NON_REM pin description.
SQI Interface Pins
SQI Clock
SQI_CLK
I/O4
SQI clock.
SQI Data 0-3
SQI_D[0:3]
I/O4
SQI Data 0-3. If the SQI interface is enabled, these sig-
nals function as Data 0 through 3.
SQI Chip
Enable
SQI_CE_EN
I/O4
Active low SQI chip enable input. If the SQI interface is
enabled, this pin requires an external pull-up resistor.
Note:
If SQI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_NON_REM pin description.
SMBus Interface Pins
SMBus 1 Clock
SMB1_CLK
I/OD12
SMBus 1 Master Clock
Note:
Not available on USB4712PF - HFC is dis-
abled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com