Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8772 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 9Page - Maxim Integrated Products MAX8772 Datasheet HTML 10Page - Maxim Integrated Products MAX8772 Datasheet HTML 11Page - Maxim Integrated Products MAX8772 Datasheet HTML 12Page - Maxim Integrated Products MAX8772 Datasheet HTML 13Page - Maxim Integrated Products MAX8772 Datasheet HTML 14Page - Maxim Integrated Products MAX8772 Datasheet HTML 15Page - Maxim Integrated Products MAX8772 Datasheet HTML 16Page - Maxim Integrated Products MAX8772 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VIN = 12V, VCC = VDD, SHDN = PSI = 5V, DPRSLPVR = GND, D0–D6 set for 1.1500V, TA = 25
°C, unless other-
wise specified.)
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
PSI + 1-LSB TRANSITION
40
µs/div
MAX8770 toc22
0
0
0.93V
0
0
A
B
D
C
E
A. PSI, 5V/div
B. D0, 5V/div
C. VOUT, 20mV/div
IOUT = 10A
D. ILXI, 10A/div
E. ILX2, 10A/div
D0 DYNAMIC VID CODE CHANGE
20
µs/div
MAX8770 toc23
0
0.93V
0
0
A
B
D
C
A. D0, 5V/div
B. VOUT, 20mV/div
IOUT = 10A
C. ILXI, 10A/div
D. ILX2, 10A/div
POWER MONITOR vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1.0
RSENSE = 1m
Ω
IOUT = 10A
POWER MONITOR vs. LOAD CURRENT
LOAD CURRENT (A)
0
10203040
0
1
2
3
4
RSENSE = 1m
Ω
VOUT = 1.2875V
D3 DYNAMIC VID CODE CHANGE
20
µs/div
MAX8770 toc24
0
0.93V
0
0
A
B
C
D
A. D3, 5V/div
B. VOUT, 200mV/div
IOUT = 10A
C. ILXI, 10A/div
D. ILX2, 10A/div
0
0
0.72V
0
1.185
0A
B
C
D
E
F
POWER MONITOR -
VID TRANSITION RESPONSE
MAX8770 TOC28
40
µs/div
A. D3, 5V/div
B. VOUT, 200mV/div
C. POUT WITH RC FILTER
(10k
Ω, 0.1µF), 200mV/div
D. POUT, 2V/div
E. ILX1, 10A/div
F. ILX2, 10A/div
IOUT = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com