Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8772 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 17Page - Maxim Integrated Products MAX8772 Datasheet HTML 18Page - Maxim Integrated Products MAX8772 Datasheet HTML 19Page - Maxim Integrated Products MAX8772 Datasheet HTML 20Page - Maxim Integrated Products MAX8772 Datasheet HTML 21Page - Maxim Integrated Products MAX8772 Datasheet HTML 22Page - Maxim Integrated Products MAX8772 Datasheet HTML 23Page - Maxim Integrated Products MAX8772 Datasheet HTML 24Page - Maxim Integrated Products MAX8772 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
______________________________________________________________________________________
21
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
phase operation by alternately triggering the main and
secondary phases after the error comparator drops
below the output voltage set point.
Dual 180
° Out-of-Phase Operation
The two phases in the MAX8770/MAX8771/MAX8772
operate 180
° out-of-phase to minimize input and output
filtering requirements, reduce electromagnetic interfer-
ence (EMI), and improve efficiency. This effectively low-
ers component count—reducing cost, board space,
and component power requirements— making the
MAX8770/MAX8771/MAX8772 ideal for high-power,
cost-sensitive applications.
Typically, switching regulators provide power using
only 1 phase instead of dividing the power among sev-
eral phases. In these applications, the input capacitors
must support high instantaneous current requirements.
The high RMS ripple current can lower efficiency due to
I2R® power loss associated with the input capacitor’s
effective series resistance (ESR). Therefore, the system
typically requires several low-ESR input capacitors in
parallel to minimize input voltage ripple, to reduce ESR-
related power losses, and to meet the necessary RMS
ripple current rating.
With the MAX8770/MAX8771/MAX8772, the controller
shares the current between two phases that operate
180
° out-of-phase, so the high-side MOSFETs never
turn on simultaneously during normal operation. The
instantaneous input current of either phase is effectively
halved, resulting in reduced input voltage ripple, ESR
power loss, and RMS ripple current (see the Input
Capacitor Selection section). Therefore, the same per-
formance may be achieved with fewer or less-expen-
sive input capacitors.
+5V Bias Supply (VCC and VDD)
The Quick-PWM controller requires an external +5V
bias supply in addition to the battery. Typically, this
+5V bias supply is the notebook’s 95% efficient +5V
system supply. Keeping the bias supply external to the
IC improves efficiency and eliminates the cost associat-
ed with the +5V linear regulator that would otherwise be
needed to supply the PWM circuit and gate drivers. If
stand-alone capability is needed, the +5V bias supply
can be generated with an external linear regulator.
The +5V bias supply must provide VCC (PWM con-
troller) and VDD (gate-drive power), so the maximum
current drawn is:
IBIAS = ICC - fSW (QG(LOW) + QG(HIGH))
where ICC is provided in the Electrical Characteristics
Table, fSW is the switching frequency, and QG(LOW)
and QG(HIGH) are the MOSFET data sheet’s total gate-
charge specification limits at VGS = 5V.
VIN and VDD can be tied together if the input power
source is a fixed +4.5V to +5.5V supply. If the +5V
bias supply is powered up prior to the battery supply,
the enable signal (SHDN going from low to high) must
be delayed until the battery voltage is present to
ensure startup.
Switching Frequency (TON)
Connect a resistor (RTON) between TON and VIN to set
the switching period TSW = 1/fSW, per phase:
TSW = CTON (RTON + 6.5k
Ω)
where CTON = 16.26pF.
A 96.75k
Ω to 303.25kΩ corresponds to switching peri-
ods of 167ns (600kHz) to 500ns (200kHz), respectively.
High-frequency (600kHz) operation optimizes the appli-
cation for the smallest component size, trading off effi-
ciency due to higher switching losses. This may be
acceptable in ultra-portable devices where the load
currents are lower and the controller is powered from a
lower voltage supply. Low-frequency (200kHz) opera-
tion offers the best overall efficiency at the expense of
component size and board space.
On-Time One-Shot
The core of each phase contains a fast, low-jitter,
adjustable one-shot that sets the high-side MOSFETs
on-time. The one-shot for the main phase varies the on-
time in response to the input and feedback voltages.
The main high-side switch on-time is inversely propor-
tional to the input voltage (VIN), and proportional to the
feedback voltage (VFB):
where the switching period (TSW = 1/fSW) is set by the
resistor at the TON pin, and 0.075V is an approximation
to accommodate the expected drop across the low-
side MOSFET switch.
The one-shot for the secondary phase varies the on-
time in response to the input voltage and the difference
between the main and secondary inductor currents.
Two identical transconductance amplifiers integrate the
difference between the master and slave current-sense
signals. The summed output is internally connected to
t
TV
V
V
ON MAIN
SW
FB
IN
()
.
=
+
()
0 075
I2R is a registered trademark of instruments for Research and
Industry, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com