Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8772 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 35Page - Maxim Integrated Products MAX8772 Datasheet HTML 36Page - Maxim Integrated Products MAX8772 Datasheet HTML 37Page - Maxim Integrated Products MAX8772 Datasheet HTML 38Page - Maxim Integrated Products MAX8772 Datasheet HTML 39Page - Maxim Integrated Products MAX8772 Datasheet HTML 40Page - Maxim Integrated Products MAX8772 Datasheet HTML 41Page - Maxim Integrated Products MAX8772 Datasheet HTML 42Page - Maxim Integrated Products MAX8772 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
______________________________________________________________________________________
39
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
• Switching frequency: This choice determines the
basic trade-off between size and efficiency. The opti-
mal frequency is largely a function of maximum input
voltage due to MOSFET switching losses that are
proportional to frequency and VIN2. The optimum fre-
quency is also a moving target, due to rapid
improvements in MOSFET technology that are mak-
ing higher frequencies more practical.
• Inductor operating point: This choice provides
trade-offs between size vs. efficiency and transient
response vs. output noise. Low inductor values pro-
vide better transient response and smaller physical
size, but also result in lower efficiency and higher
output noise due to increased ripple current. The
minimum practical inductor value is one that causes
the circuit to operate at the edge of critical conduc-
tion (where the inductor current just touches zero
with every cycle at maximum load). Inductor values
lower than this grant no further size-reduction benefit.
The optimum operating point is usually found
between 20% and 50% ripple current.
Inductor Selection
The switching frequency and operating point (% ripple
current or LIR) determine the inductor value as follows:
where
ηTOTAL is the total number of phases.
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite
cores are often the best choice, although powdered
iron is inexpensive and can work well at 200kHz. The
core must be large enough not to saturate at the peak
inductor current (IPEAK):
Transient Response
The inductor ripple current impacts transient-response
performance, especially at low VIN - VOUT differentials.
Low inductor values allow the inductor current to slew
faster, replenishing charge removed from the output fil-
ter capacitors by a sudden load step. The amount of
output sag is also a function of the maximum duty fac-
tor, which can be calculated from the on-time and mini-
mum off-time. For a dual-phase controller, the
worst-case output sag voltage may be determined by:
where tOFF(MIN) is the minimum off-time (see the
Electrical Characteristics table).
The amount of overshoot due to stored inductor energy
can be calculated as:
where
ηTOTAL is the total number of active phases.
Setting the Current Limit
The minimum current-limit threshold must be high
enough to support the maximum load current when the
current limit is at the minimum tolerance value. The val-
ley of the inductor current occurs at ILOAD(MAX) minus
half the ripple current; therefore:
where
ηTOTAL is the total number of active phases,
and ILIMIT(LOW) equals the minimum current-limit
threshold voltage divided by the current-sense resistor
(RSENSE). For the 22.5mV default setting, the minimum
current-limit threshold is 19.5mV.
I
I
LIR
LIMIT LOW
LOAD MAX
TOTAL
()
()
>
⎛
⎝⎜
⎞
⎠⎟
−
⎛
⎝⎜
⎞
⎠⎟
η
1
2
V
IL
CV
SOAR
LOAD MAX
TOTAL OUT OUT
()
≈
()
∆
2
2
η
V
VT
V
t
CV
VV
T
V
t
C
VT
V
t
SAG
OUT SW
IN
OFF MIN
OUT OUT
IN
OUT
SW
IN
OFF MIN
OUT
OUT SW
IN
OFF MIN
()
()
()
=
()
⎛
⎝⎜
⎞
⎠⎟
+
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
−
()
⎛
⎝
⎜
⎞
⎠
⎟ −
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
+
⎛
⎝⎜
⎞
⎠⎟
+
⎡
⎣
LI
I
LOAD(MAX)
2
LOAD(MAX)
∆
∆
2
2
2
2
⎢⎢
⎢
⎤
⎦
⎥
⎥
I
I
LIR
PEAK
LOAD MAX
TOTAL
()
=
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝⎜
⎞
⎠⎟
η
1
2
L
VV
f
I
LIR
V
V
TOTAL
IN
OUT
SW LOAD MAX
OUT
IN
=
−
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝⎜
⎞
⎠⎟
η
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com