Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA036AST Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FDA036AST
Description  Latch Up High Current ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FDA036AST Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FDA036AST Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FDA036AST Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FDA036AST
www.futurewafer.com.tw
Document Number:F12126A
31-Mar-2021 V 2.0
Latch Up High Current ESD Protection Device
Potential Applications
●
Personal Digital Assistance
●
Wireless System
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 2.0 Power and Data Line Protection
SOT23-6L
①
③
Feature List
●
Max Operating Voltage VRWM:3.3V
●
ESD Protection:Level X
●
Low Clamping Voltage
●
400 Watts Peak Pulse Power Per Line(tp = 8/20uS)
●
Ultra Low Capacitance:2 pf typ.
●
Protection Four line I/O port
⑥
Maximum Ratings@ TA = 25°C Unless Otherwise Specified
Parameter
Symbol
Test Condition
Value
Units
Min.
Max.
Typ.
Working Voltage
V RWM
-
-
+
3.3
V
-
Peak Pulse Power
P PP
8/20 us,
Current Waveform
-
400
Watts
-
Peak Pulse Current
I PP
-
25
A
-
Electrostatic Discharge
V ESD (Contact)
R = 330Ω,C = 150pF
-
30
KV
+
30
-
V ESD (Air)
Operating Temperature
T OP
-
55
+
150
°
C
-
Storage Temperature
T STG
-
65
+
150
-
Absolute Maximum Ratings
IEC Compatibility
●
ESD / Transient Protection According to:
- IEC61000-4-2(ESD) : ±30KV(Contact) / ±30KV(Air)
- IEC61000-4-4(EFT) : 50A (5/50ns)
- IEC61000-4-5(Surge) : 25A (8/20us)
Mechanical Characteristics
●
Molded JEDEC Package
- SOT 23-6L
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
②
④
⑤


Similar Part No. - FDA036AST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA032N08 FAIRCHILD-FDA032N08 Datasheet
552Kb / 8P
N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.2m廓
logo
Inchange Semiconductor ...
FDA032N08 ISC-FDA032N08 Datasheet
316Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FDA036AST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34E04 STMICROELECTRONICS-M34E04 Datasheet
559Kb / 32P
Enhanced ESD/latch-up protection
12-Nov-2014
logo
FutureWafer Tech Co.,Lt...
FSD3328D FUTUREWAFER-FSD3328D Datasheet
1Mb / 6P
Latch Up ESD Protection Device
logo
AMAZING Microelectronic...
AZ3028-04P AMAZING-AZ3028-04P Datasheet
178Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2011/06/19
AZ3028-08P AMAZING-AZ3028-08P Datasheet
194Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/12/29
AZ3105-04P AMAZING-AZ3105-04P Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3125-08F AMAZING-AZ3125-08F Datasheet
582Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3128-04P AMAZING-AZ3128-04P Datasheet
210Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/03/25
AZ3133-04F AMAZING-AZ3133-04F Datasheet
496Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2016/12/05
AZ3133-08F AMAZING-AZ3133-08F Datasheet
546Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/08/21
AZ3233-02F AMAZING-AZ3233-02F Datasheet
502Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/04/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com