Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2834708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2834708
Description  Relay Module - PR2-RSP3-LV-120AC/2X21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2834708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2834708 Datasheet HTML 1Page - PHOENIX CONTACT 2834708 Datasheet HTML 2Page - PHOENIX CONTACT 2834708 Datasheet HTML 3Page - PHOENIX CONTACT 2834708 Datasheet HTML 4Page - PHOENIX CONTACT 2834708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834708
10/27/2021   Page 4 / 5
Relay Module - PR2-RSP3-LV-120AC/2X21 - 2834708
Diagram
Switchingcurrent[A]
250V AC,ohmicload
30VDC,ohmicload
10
6
10
5
0
2
4
6
8
10
10
4
2
1
1
2
Electrical service life
Articles in set
Relay base - PR2-BSP3/4X21 - 2833589
Relay base PR2-B, for industrial relay REL-IR with 2 or 4 changeover contacts, 1/3-level design, spring-cage
connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
 
 
Single relay - REL-IR/L-120AC/2X21 - 2834067
Plug-in industrial relays with power contacts, 2 changeover contacts, test button, status LED, mechanical switching
position indicator, input voltage: 120 V AC
 
 
Plug-in module - V-120-230UC - 2833880
Plug-in module, with varistor, input voltage: 120 ... 230 V AC/DC ±20 %
 
 
Retaining bracket - EL2-P35 - 2833592
Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay base
PR2, for 35 mm high industrial relay
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com