Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2834708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2834708
Description  Relay Module - PR2-RSP3-LV-120AC/2X21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2834708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2834708 Datasheet HTML 1Page - PHOENIX CONTACT 2834708 Datasheet HTML 2Page - PHOENIX CONTACT 2834708 Datasheet HTML 3Page - PHOENIX CONTACT 2834708 Datasheet HTML 4Page - PHOENIX CONTACT 2834708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834708
10/27/2021   Page 1 / 5
Relay Module - PR2-RSP3-LV-120AC/2X21 - 2834708
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pre-assembled relay modules with spring-cage connection, consisting of a relay base, industrial relay with
integrated LED and engage/disengage manual actuate lever, varistor protective module, and retaining
bracket. Input voltage: 120 V AC, 2 changeover contacts, 10 A
The figure shows the 24 V DC
version
Your advantages
 Relay with detectable manual operation and status LED
 With DC types, freewheeling diode is integrated in relay
 Mechanical switch position indicator
 Logical contact arrangement thanks to 1/3-level relay base
 4-changeover contact types with multi-layer gold contacts
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4017918996277
Technical data
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Coil side
Nominal input voltage UN
120 V AC
Typical input current at UN
11 mA (at 50 Hz)
9 mA (At 60 Hz)
Typical response time
4 ms ... 10 ms
Typical release time range
3 ms ... 12 ms


Similar Part No. - 2834708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2834711 PHOENIX-2834711 Datasheet
281Kb / 5P
Relay Module - PR2-RSP3-LV-230AC/2X21
2834724 PHOENIX-2834724 Datasheet
113Kb / 5P
Relay Module - PR2-RSC3-LDP-24DC/4X21AU
2834737 PHOENIX-2834737 Datasheet
264Kb / 6P
Relay Module - PR2-RSC3-LV- 24AC/4X21AU
2834740 PHOENIX-2834740 Datasheet
114Kb / 6P
Relay Module - PR2-RSC3-LV-120AC/4X21AU
2834753 PHOENIX-2834753 Datasheet
114Kb / 6P
Relay Module - PR2-RSC3-LV-230AC/4X21AU
More results

Similar Description - 2834708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2834669 PHOENIX-2834669 Datasheet
87Kb / 7P
Relay Module - PR2-RSC3-LV-120AC/2X21
2834740 PHOENIX-2834740 Datasheet
114Kb / 6P
Relay Module - PR2-RSC3-LV-120AC/4X21AU
2834795 PHOENIX-2834795 Datasheet
111Kb / 5P
Relay Module - PR2-RSP3-LV-230AC/4X21AU
2834672 PHOENIX-2834672 Datasheet
262Kb / 6P
Relay Module - PR2-RSC3-LV-230AC/2X21
2834685 PHOENIX-2834685 Datasheet
281Kb / 5P
Relay Module - PR2-RSP3-LDP-24DC/2X21
2834711 PHOENIX-2834711 Datasheet
281Kb / 5P
Relay Module - PR2-RSP3-LV-230AC/2X21
2834656 PHOENIX-2834656 Datasheet
265Kb / 6P
Relay Module - PR2-RSC3-LV- 24AC/2X21
2834779 PHOENIX-2834779 Datasheet
281Kb / 5P
Relay Module - PR2-RSP3-LV- 24AC/4X21AU
2903700 PHOENIX-2903700 Datasheet
561Kb / 6P
Single relay - REL-PR2-120AC/2X21
2834782 PHOENIX-2834782 Datasheet
281Kb / 5P
Relay Module - PR2-RSP3-LV-120AC/4X21AU
10/27/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com