Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2834708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2834708
Description  Relay Module - PR2-RSP3-LV-120AC/2X21
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2834708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2834708 Datasheet HTML 1Page - PHOENIX CONTACT 2834708 Datasheet HTML 2Page - PHOENIX CONTACT 2834708 Datasheet HTML 3Page - PHOENIX CONTACT 2834708 Datasheet HTML 4Page - PHOENIX CONTACT 2834708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834708
10/27/2021   Page 2 / 5
Relay Module - PR2-RSP3-LV-120AC/2X21 - 2834708
Technical data
Coil side
Protective circuit
Varistor
Operating voltage display
LED red
Power dissipation for nominal condition
1.32 W
Contact side
Contact type
2 changeover contacts
Type of switch contact
Single contact
Contact material
Ag
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V
Min. switching current
1 mA
Maximum inrush current
20 A (15 ms)
Limiting continuous current
10 A
Interrupting rating (ohmic load) max.
240 W (at 24 V DC)
160 W (at 48 V DC)
110 W (at 60 V DC)
72 W (at 110 V DC)
130 W (at 220 V DC)
2500 VA (for 250 V AC)
General
Test voltage
2 kV AC (50 Hz, 1 min., winding/contact)
2 kV AC (50 Hz, 1 min., contact/contact)
Operating mode
100% operating factor
Mechanical service life
5x 107 cycles
Service life, electrical
see diagram
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Spring-cage connection
Stripping length
12 mm
Conductor cross section solid
0.2 mm² ... 1.5 mm²
Conductor cross section flexible
0.2 mm² ... 1.5 mm²
Conductor cross section AWG
24 ... 16
Standards and Regulations
Standards/regulations
IEC 60664
EN 50178
Pollution degree
3
Overvoltage category
II



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com