Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020EC Datasheet(PDF) 102 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 102 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 98Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 99Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 100Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 101Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 102Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 103Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 104Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 105Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 106Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
84
UART
Overview
The Universal Asynchronous Receiver/Transmitter (UART) is a full-duplex communica-
tion channel capable of handling asynchronous data transfers. The UART uses a single
8-bit data mode with selectable parity. Features of the UART include:
• 8-bit asynchronous data transfer
• Selectable even- and odd-parity generation and checking
• Option of one or two STOP bits
• Separate transmit and receive interrupts
• Framing, parity, overrun and break detection
• Separate transmit and receive enables
• 16-bit Baud Rate Generator (BRG)
• Selectable MULTIPROCESSOR (9-bit) mode with three configurable interrupt schemes
• Baud Rate Generator timer mode
• Driver Enable output for external bus transceivers
Architecture
The UART consists of three primary functional blocks: transmitter, receiver, and baud rate
generator. The UART’s transmitter and receiver function independently, but employ the
same baud rate and data format. Figure 9 illustrates the UART architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com