Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020EC Datasheet(PDF) 104 Page - Zilog, Inc.

Part # Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Datasheet(HTML) 104 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 100Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 101Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 102Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 103Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 104Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 105Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 106Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 107Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 108Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
UART
Z8 Encore! XP® F08xA Seriess
Product Specification
86
Figure 10.UART Asynchronous Data Format without Parity
Figure 11.UART Asynchronous Data Format with Parity
Transmitting Data using the Polled Method
Follow these steps to transmit data using the polled method of operation:
1. Write to the UART Baud Rate High and Low Byte registers to set the required baud
rate.
2. Enable the UART pin functions by configuring the associated GPIO Port pins for
alternate function operation.
3. Write to the UART Control 1 register, if MULTIPROCESSOR mode is appropriate, to
enable MULTIPROCESSOR (9-bit) mode functions.
4. Set the Multiprocessor Mode Select (MPEN) bit to enable MULTIPROCESSOR mode.
5. Write to the UART Control 0 register to:
–
Set the transmit enable bit (TEN) to enable the UART for data transmission
–
Set the parity enable bit (PEN), if parity is appropriate and MULTIPROCESSOR
mode is not enabled, and select either even or odd parity (PSEL).
–
Set or clear the CTSE bit to enable or disable control from the remote receiver
using the CTS pin.
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Data Field
lsb
msb
Idle State
of Line
Stop Bit(s)
1
2
1
0
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Parity
Data Field
lsb
msb
Idle State
of Line
Stop Bit(s)
1
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com