Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5115SHV Datasheet(PDF) 30 Page - NXP Semiconductors

Part # ASL5115SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHV Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button ASL5115SHV Datasheet HTML 26Page - NXP Semiconductors ASL5115SHV Datasheet HTML 27Page - NXP Semiconductors ASL5115SHV Datasheet HTML 28Page - NXP Semiconductors ASL5115SHV Datasheet HTML 29Page - NXP Semiconductors ASL5115SHV Datasheet HTML 30Page - NXP Semiconductors ASL5115SHV Datasheet HTML 31Page - NXP Semiconductors ASL5115SHV Datasheet HTML 32Page - NXP Semiconductors ASL5115SHV Datasheet HTML 33Page - NXP Semiconductors ASL5115SHV Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
30 / 69
– Output brightness = 0.5 * (1 – (20/128) = 0.42 = 42 %
The examples above demonstrate that the reduced brightness value is not always the
same for the different PWM duty cycle values. The default value for all the channels is
0 % reduction.
See Section 14 "Nonvolatile Multitime Programmable Memory (MTP)" for detailed
information about the MTP selectable values.
8.14 Limp Home mode operation
When there is no communication with the microcontroller, but VCC is present, the MLC
automatically enters Limp Home mode state (LHM). Each channel is either fully ON or
fully OFF, as defined by a bit in the MTP. This bit is programmable by the user at the end
of the production line. Default state of the switches is all OFF, which means all LEDs are
ON.
Table 22. LHM - Limp Home mode control register (address 3Ch) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
BYPASS_BINNING
LHM_EXIT
LHM_TIMEOUT
MTP_CFG
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 23. LHM - Limp Home mode control register (address 3Ch) bit description
Bit
Symbol
Description
7
BYPASS_BINNING Bypass binning.
0 — Scaling/calibration factor is applied to the final PWM DC calculation
1 — Scaling/calibration factor is not applied to the final PWM DC calculation
This bit can be used to:
• Bypass the calibration factor during Camera calibration
• Measure single LED brightness during manufacturing process
Note: This bit is not related to the Limp Home Mode configuration of triggering.
6 to 4 LHM_EXIT
Limp Home mode deactivation sequence and LHM timeout refresh.[1]
001 — Deactivation sequence, step 1
010 — Deactivation sequence, step 2
100 — Deactivation sequence, step 3
111 — LHM timeout refresh
3 to 1 LHM_TIMEOUT
Timeout setting for activation of Limp Home mode.[2]
000 — 4.5 ms, setting 1
001 — 9 ms, setting 2
010 — 18 ms, setting 3
011 — 36 ms, setting 4
100 — 72.1 ms, setting 5
101 — 144.2 ms, setting 6
110 — 288.4 ms, setting 7
111 — 576.7 ms, setting 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com