Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5115SHV Datasheet(PDF) 45 Page - NXP Semiconductors

Part # ASL5115SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHV Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button ASL5115SHV Datasheet HTML 41Page - NXP Semiconductors ASL5115SHV Datasheet HTML 42Page - NXP Semiconductors ASL5115SHV Datasheet HTML 43Page - NXP Semiconductors ASL5115SHV Datasheet HTML 44Page - NXP Semiconductors ASL5115SHV Datasheet HTML 45Page - NXP Semiconductors ASL5115SHV Datasheet HTML 46Page - NXP Semiconductors ASL5115SHV Datasheet HTML 47Page - NXP Semiconductors ASL5115SHV Datasheet HTML 48Page - NXP Semiconductors ASL5115SHV Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
45 / 69
MTP Registers (16 bits registers)[1][2]
No.
Bits Block
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Add
ress
960
60
A
3Ch
976
61
B
3Dh
992
62
C
3Eh
1008
63
Curve 1 coefficients
D
3Fh
1024
64
A
40h
1040
65
B
41h
1056
66
C
42h
1072
67
Curve 2 coefficients
D
43h
1088
68
A
44h
1104
69
B
45h
1120
70
C
46h
1136
71
Curve 3 coefficients
D
47h
1152
72
A
48h
1168
73
B
49h
1184
74
C
4Ah
1200
75
Curve 4 coefficients
D
4Bh
1216
76
A
4Ch
1232
77
B
4Dh
1248
78
C
4Eh
1264
79
Curve 5 coefficients
D
4Fh
1280
80
A
50h
1296
81
B
51h
1312
82
C
52h
1328
83
Curve 6 coefficients
D
53h
1344
84
A
54h
1360
85
B
55h
1376
86
C
56h
1392
87
Curve 7 coefficients
D
57h
1408
88
Overtemperature
Warning 1
Overtemperature
Warning 0
Phase1
LHM defs1–3
OC1
Slew1[3:0]
58h
1424
89
Phase2
LHM defs4–6
OC2
Slew2[3:0]
59h
1440
90
Phase3
LHM defs7–9
OC3
Slew3[3:0]
5Ah
1456
91
Value has no impact[5]
Phase4
LHM defs10–12
OC4
Slew4[3:0]
5Bh
1472
92
CPFS0
LED binning3
LED binning2
LED binning1
5Ch
1488
93
CPFS1
LED binning6
LED binning5
LED binning4
5Dh
1504
94
CPFS2
LED binning9
LED binning8
LED binning7
5Eh
1520
95
CPFS3
LED binning12
LED binning11
LED binning10
5Fh
1536
96
MTP lock key
MTP fail
counter
Part
netw.
SC
timer CAN speed
Multi-
MLC
PWM
freq
60h
1552
97
MTP Write Counter1[4]
Diode_Trim_Value[4]
61h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com