Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5115SHV Datasheet(PDF) 32 Page - NXP Semiconductors

Part # ASL5115SHV
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHV Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button ASL5115SHV Datasheet HTML 28Page - NXP Semiconductors ASL5115SHV Datasheet HTML 29Page - NXP Semiconductors ASL5115SHV Datasheet HTML 30Page - NXP Semiconductors ASL5115SHV Datasheet HTML 31Page - NXP Semiconductors ASL5115SHV Datasheet HTML 32Page - NXP Semiconductors ASL5115SHV Datasheet HTML 33Page - NXP Semiconductors ASL5115SHV Datasheet HTML 34Page - NXP Semiconductors ASL5115SHV Datasheet HTML 35Page - NXP Semiconductors ASL5115SHV Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
32 / 69
Table 24. Limp Home mode deactivation sequence
Deactivation step
Data to LHM_EXIT[6:4]
Step 1
001
Step 2
010
Step 3
100
This sequence could be applied to any single IC or as a broadcast message.
Sequence to exit LHM in a single IC:
CMD 3 = 000011, target MLC's LHM_Exit [6:4] bits with 3 bytes of data in the data field.
Only one CAN message is needed to exit the LHM status.
The order in Table 25 shows from byte 0 to byte 2 in the CAN message data field.
Table 25. Limp Home mode exit sequence messages
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
3Ch
LHM
0
0
0
1
111
0
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
3Ch
LHM
0
0
1
0
111
0
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
3Ch
LHM
0
1
0
0
111
0
Message:
Command = 3
Data_0 = 1E
Data_1 = 2E
Data_2 = 4E
Sequence to exit LHM with a broadcast or selective message:
Command 3 is used for selective LHM exit and command 38 for broadcast LHM exit.
Once the deactivation sequence is completed, the MLC is immediately fully operational.
LEDs will follow LHM configuration until the microcontroller starts a new sequence.
8.15 Communication interface
The ASL5xxxyHz family uses a CAN interface to communicate with an external
microcontroller. The CAN interface can be used for setting all the registers related to the
12 available channels and other configuration registers. See Section 10 "ASL50xxyHz
Register map" and Section 11.1 "ASL51xxSHy Register MAP".
If the MLC system is on a board other than the board that has the microcontroller, a CAN
physical layer should be used (CAN transceiver) and TXD and RXD should be connected
between the transceiver and the different MLC ICs.
If the MLC system is on the same board of the microcontroller, a physical layer is not
needed and just the TXD and RXD pins of the different ICs should be connected, as well
as a pull-up resistor and a bridge between TXD and RXD line. The pull-up resistor should
not allow current higher than 4 mA in the TXD and RXD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com