Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1020 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 17Page - NXP Semiconductors CD1020 Datasheet HTML 18Page - NXP Semiconductors CD1020 Datasheet HTML 19Page - NXP Semiconductors CD1020 Datasheet HTML 20Page - NXP Semiconductors CD1020 Datasheet HTML 21Page - NXP Semiconductors CD1020 Datasheet HTML 22Page - NXP Semiconductors CD1020 Datasheet HTML 23Page - NXP Semiconductors CD1020 Datasheet HTML 24Page - NXP Semiconductors CD1020 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
NXP Semiconductors
CD1020
register), INT_B and CS_B. The IC returns to LPM and does not report a Wake event, if VDDQ is low. If the VDDQ is high, the IC wakes up
and reports the Wake event. In cases where CS_B is used to wake the device, the first MISO data message is not valid.
The LPM command contains setting of the polling timer, as shown in Table 23. The polling timer is used periodically to poll the inputs
during low-power mode to check for change of states. The tACTIVEPOLL time is the length of time the part is active during the polling timer
to check for change of state. The low-power mode voltage threshold allows the user to determine the noise immunity versus lower current
levels that polling allows. Figure 13 shows the polling operation.
When an input is determined to meet the condition Open (when entering LPM), yet while Open (on polling event) the chip does not
continue the polling event for that input(s) to lower current in the chip (Figure 12 shows SG, SB is logically the same).
Figure 12. Low-power mode polling check
Figure 13. Low-power mode typical timing
La
tch
volt
ag
e
Compare voltage to initial
(Delta > 0.25 or > 4.0v)
LPM Voltage threshold
(~0.25v)
Polling timer
(64ms def)
Voltage on SG pin
End Polling (current off if
no change detected)
55µs
CS_B
Polling Time
Polling startup
Tactive time
Mode
Normal
LPM
Normal
Go To LPM
64ms (config)
78us
58us
20us
IC Current
330uA
20uA
Load
Current
X * 1mA SG
(2mA SB)
0uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com