Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1020 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CD1020
Description  22 channel multiple switch detection interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1020 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CD1020 Datasheet HTML 9Page - NXP Semiconductors CD1020 Datasheet HTML 10Page - NXP Semiconductors CD1020 Datasheet HTML 11Page - NXP Semiconductors CD1020 Datasheet HTML 12Page - NXP Semiconductors CD1020 Datasheet HTML 13Page - NXP Semiconductors CD1020 Datasheet HTML 14Page - NXP Semiconductors CD1020 Datasheet HTML 15Page - NXP Semiconductors CD1020 Datasheet HTML 16Page - NXP Semiconductors CD1020 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
13
NXP Semiconductors
CD1020
Figure 4. Glitch filter and interrupt delay timers
SPI interface (continued)
tSCKLS
SCLK low time
• Figure 6 - 5
56
—
—
ns
tSUS
MOSI input setup time
• Figure 6 - 6
16
—
—
ns
tHS
MOSI input hold time
• Figure 6 - 7
20
—
—
ns
tA
MISO access time
• Figure 6 - 8
—
—
116
ns
tDIS
MISO disable time (21)
• Figure 6 - 9
—
—
100
ns
tVS
MISO output valid time
• Figure 6 - 10
—
—
116
ns
tHO
MISO output hold time (no cap on MISO)
• Figure 6 - 11
20
—
—
ns
tRO
Rise time
• Figure 6 - 12
—
—
30
ns
(21)
tFO
Fall time
• Figure 6 - 13
—
—
30
ns
(21)
tCSN
CS_B negated time
• Figure 6 - 14
500
—
—
ns
WAKE-UP
tCSB_WAKEUP
LPM mode wake-up time triggered by edge of CS_B
—
755
1000
µs
(23)
Notes
21.
Guaranteed by characterization.
22.
AMUX settling time to be within the 10 mV offset specification. AMUXVALID is dependent on the voltage step applied on the input SGx/SPx pin or
the difference between the first and second channel selected as the multiplexed analog output. See Figure 8 for a typical AMUX access time VS
voltage step waveform.
23.
The parameter is guaranteed at VBATP = 6.0 V to 28 V.
Table 7. Dynamic electrical characteristics (continued)
TA = –40 °C to +125 °C, VDDQ = 3.1 V to 5.25 V, VBATP = 6.0 V to 28 V, unless otherwise specified. All SPI timing is performed with a
100 pF load on MISO, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Notes
LPM CLK
SG_Pin
Input Glitch
filter timer
INT_B
500ns
tglitchTIMER
tINT-DLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com