Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7ULPCEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX7ULPCEC
Description  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX7ULPCEC Datasheet HTML 1Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 2Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 3Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 4Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
Ordering information (continued)
Part Number
Options
Cortex-
A7
Speed
Grade
Cortex-
M4
Speed
Grade
Qualification
Tier
Junction
Temperature
Range
Package
MCIMX7U5DVK07SC GPU-2D,
GPU-3D
supported
720 MHz 200 MHz Commercial
(Consumer)
0 to +95 °C
10 mm x 10 mm, 0.5 mm
pitch BGA, Package code
"VK"
MCIMX7U3DVK07SC No GPU
720 MHz 200 MHz Commercial
(Consumer)
0 to +95 °C
10 mm x 10 mm, 0.5 mm
pitch BGA, Package code
"VK"
The following figure describes the part number nomenclature so users can identify the characteristics of the
specific part number.
Figure 2. i.MX 7 Family Part Number Definition
Related Resources
Type
Description
Reference Manual
The i.MX 7ULP Applications Processor Reference Manual contains a comprehensive description of
the structure and function (operation) of the SoC.
Data Sheet
The Data Sheet includes electrical characteristics and signal connections.
Chip Errata
The chip mask set errata provides additional or corrective information for a particular device mask
set.
Package drawing
Package dimensions are provided in Package information and contact assignments
4
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com