Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 56 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 52Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 53Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 54Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 55Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 56Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 57Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 58Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 59Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
56 of 183
Bit 14/Route Data from BERT (TBERT). Setting this bit routes DS0 data to the TD pin from the BERT block
instead of from the HDLC controller. If the DS0 channel has been configured for 56kbps operation (T56 = 1), the
LSB of each DS0 channel is not routed from the BERT block but instead is forced to 1. In order for the data to
make it from the BERT block, the host must also configure the BERT for the proper port through the master
control register (Section 5). This bit overrides TFAO and TCHEN.
0 = do not route data from BERT
1 = route data from BERT (override the data from the HDLC controller)
Bit 15/Transmit DS0 Channel Enable (TCHEN). This bit must be set for each active DS0 channel in a
channelized application. In a channelized application, although a DS0 channel is deactivated, the channel can still
be set up to route data from the BERT block. In addition, although a DS0 channel is active, the loopback function
(CNLB = 1) overrides this activation and routes receive data to the TD pin instead of from the HDLC. In an
unchannelized mode (TUEN = 1), only the TCHEN bit in T[n]CFG0 needs to be configured.
0 = deactivated DS0 channel
1 = active DS0 channel
6.4 Receive V.54 Detector
Each port within the device contains a V.54 loop pattern detector. V.54 is a pseudorandom pattern that is
sent for at least 2 seconds, followed immediately by an all-ones pattern for at least 2 seconds if the
channel is to be placed into loopback. The exact pattern and sequence is defined in Annex B of ANSI
T1.403-1995.
When a port is configured for unchannelized operation (RUEN = 1), all data entering the port through
RD is routed to the V.54 detector. If the host wishes not to use the V.54 detector, the SLBP status bits in
the status V.54 (SV54) register should be ignored, and their corresponding interrupt mask bits in ISV54
should be set to 0 to keep from disturbing the host. Details about the status and interrupt bits can be
found in Section 5.
When the port is configured for channelized operation (RUEN = 0), it is the host’s responsibility to
determine which DS0 channels should be searched for the V.54 pattern. In channelized applications, it
may be that there are multiple HDLC channels the host wishes to look in for the V.54 pattern. If this is
true, then the host performs the routine shown in Table 6-B. A flow chart of the same routine is shown in
Figure 6-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com