Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 91Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 92Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 93Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 94Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 95Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 96Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 97Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 98Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
95 of 183
Status/Interrupts
On each read of the free queue by the DMA, the DMA sets either the status bit for receive DMA large
buffer read (RLBR) or the status bit for receive DMA small buffer read (RSBR) in the status register for
DMA (SDMA). The DMA also checks the receive free-queue large-buffer host write pointer and the
receive free-queue small-buffer host write pointer to ensure that an underflow does not occur. If it does
occur, the DMA sets either the status bit for receive DMA large buffer read error (RLBRE) or the status
bit for receive DMA small buffer read error (RSBRE) in the status register for DMA (SDMA), and it
does not read the free queue nor does it increment the read pointer. In such a scenario, the receive FIFO
can overflow if the host does not provide free-queue descriptors. Each of the status bits can also (if
enabled) cause a hardware interrupt to occur. See Section 5 for more details.
Free-Queue Burst Reading
The DMA can read the free queue in bursts, which allows for a more efficient use of the PCI bus. The
DMA can grab messages from the free queue in groups rather than one at a time, freeing up the PCI bus
for more time-critical functions.
An internal FIFO stores up to 16 free-queue descriptors (32 dwords, as each descriptor occupies two
dwords). The free queue can either opeate in dual or singular circular queue mode. It can be divided into
large buffer and small buffer. The LBSA (large buffer starting address) and the LBEA (large buffer
ending address) form the large buffer queue, and the SBSA (small buffer starting address) and the
RFQEA (receive free-queue end address) form the small buffer queue. When the SBSA is not equal to
and greater than the RFQEA, the free queue is set up in a dual circular mode. If the SBSA is equal to the
FRQEA, the free queue is operating in a single queue mode. When the free queue is operated as a dual
circular queue supporting both large and small buffers, then the FIFO is cut into two 8-message FIFOs. If
the free queue is operated as a single circular queu supporting only the large buffers, then the FIFO is set
up as a single 16-descriptor FIFO. The host must configure the free-queue FIFO for proper operation
through the receive DMA queues control (RDMAQ) register (see the following).
When enabled through the receive free-queue FIFO-enable (RFQFE) bit, the free-queue FIFO does not
read the free queue until it reaches the low watermark. When the FIFO reaches the low watermark
(which is two descriptors in the dual mode or four descriptors in the single mode), it attempts to fill the
FIFO with additional descriptors by burst reading the free queue. Before it reads the free queue, it checks
(by examining the receive free-queue host write pointer) to ensure the free queue contains enough
descriptors to fill the free-queue FIFO. If the free queue does not have enough descriptors to fill the
FIFO, it only reads enough to keep from underflowing the free queue. If the FIFO detects that there are
no free-queue descriptors available for it to read, then it sets either the status bit for the receive DMA
large buffer read error (RLBRE) or the status bit for the receive DMA small buffer read error (RSBRE)
in the status register for DMA (SDMA); it does not read the free queue nor does it increment the read
pointer. In such a scenario, the receive FIFO can overflow if the host does not provide free-queue
descriptors. If the free-queue FIFO can read descriptors from the free queue, it burst reads them,
increments the read pointer, and sets either the status bit for receive DMA large buffer read (RLBR) or
the status bit for the receive DMA small buffer read (RSBR) in the status register for DMA (SDMA).
See Section 5 for more details on status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com