Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 16Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 17Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 18Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 19Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 20Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 21Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 22Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 23Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
20 of 183
information about the device through these signals. Only the 16-bit bus width is allowed (i.e., byte addressing is
not available).
Signal Name:
LA0 to LA19
Signal Description:
Local Bus Nonmultiplexed Address Bus
Signal Type:
Input/Output (tri-state capable)
In the PCI bridge mode (LMS = 0), these signals are outputs that are asserted on the rising edge of LCLK to
indicate which address to be written to or read from. These signals are tri-stated when the local bus is not currently
involved in a bus transaction and driven when a bus transaction is active. In configuration mode
(LMS = 1), these signals are inputs and only the bottom 16 (LA[15:0]) are active. The upper four (LA[19:16]) are
ignored and should be connected low.
Signal Name:
LWR (LR/W)
Signal Description:
Local Bus Write Enable (Local Bus Read/Write Select)
Signal Type:
Input/Output (tri-state capable)
In the PCI bridge mode (LMS = 0), this output signal is asserted on the rising edge of LCLK. In Intel mode
(LIM = 0), it is asserted when data is to be written to the local bus. In Motorola mode (LIM = 1), this signal
determines whether a read or write is to occur. If bus arbitration is enabled through the LARBE control bit in the
LBBMC register, this signal is tri-stated when the local bus is not currently involved in a bus transaction and
driven when a bus transaction is active. When bus arbitration is disabled, this signal is always driven. In Intel
mode (LIM = 0), it determines when data is to be written to the device. In Motorola mode (LIM = 1), this signal
determines whether a read or write is to occur.
Signal Name:
LRD (LDS)
Signal Description:
Local Bus Read Enable (Local Bus Data Strobe)
Signal Type:
Input/Output (tri-state capable)
In the PCI bridge mode (LMS = 0), this active-low output signal is asserted on the rising edge of LCLK. In Intel
mode (LIM = 0), it is asserted when data is to be read from the local bus. In Motorola mode (LIM = 1), the rising
edge is used to write data into the slave device. If bus arbitration is enabled through the LARBE control bit in the
LBBMC register, this signal is tri-stated when the local bus is not currently involved in a bus transaction and
driven when a bus transaction is active. When bus arbitration is disabled, this signal is always driven. In Intel
mode (LIM = 0), it determines when data is to be read from the device. In Motorola mode (LIM = 1), the rising
edge writes data into the device.
Signal Name:
LINT
Signal Description:
Local Bus Interrupt
Signal Type:
Input/Output (open drain)
In the PCI bridge mode (LMS = 0), this active-low signal is an input that is sampled on the rising edge of LCLK.
If asserted and unmasked, this signal causes an interrupt at the PCI bus through the
PINTA signal. If not used in
PCI bridge mode, this signal should be connected high. In configuration mode (LMS = 1), this signal is an open-
drain output that is forced low if one or more unmasked interrupt sources within the device is active. The signal
remains low until either the interrupt is serviced or masked.
Signal Name:
LRDY
Signal Description:
Local Bus PCI Bridge Ready (PCI Bridge Mode Only)
Signal Type:
Input
This active-low signal is sampled on the rising edge of LCLK to determine when a bus transaction is complete.
This signal is only examined when a bus transaction is taking place. This signal is ignored when the local bus is in
configuration mode (LMS = 1) and should be connected high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com