Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 127 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 127 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 123Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 124Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 125Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 126Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 127Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 128Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 129Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 130Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 131Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
127 of 183
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 20 to 21/Priority State (PRIST). This field is used by the transmit DMA to keep track of queued
priority descriptors as they arrive from the pending queue, and for the DMA to know when it should create a
horizontal linked list of transmit priority descriptors and where it can find the next valid priority descriptor. This
field handles priority packets and the PENDST field handles standard packets.
State
Next Priority Descriptor Pointer Field
Next Priority Pending Descriptor Pointer Field
00
Not Valid
Not Valid
01
Valid
Not Valid
10
Not Valid
Valid
11
Valid
Valid
-FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bit 22/Processing Priority Packet (PPP). This bit is set to 1 when the DMA is currently processing a
priority packet.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 1; Bits 23 to 31/Unused. This field is not used by the DMA and could be any value when read.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 0 to 15/Next Descriptor Pointer. This 16-bit value is the offset from the transmit descriptor base
address of the next transmit packet descriptor for the packet that is currently being transmitted. Only valid if
EOF = 0 or if EOF = 1 and CV = 1.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 16 to 31/Start Descriptor Pointer. This 16-bit value is the offset from the transmit descriptor base
address of the first transmit packet descriptor for the packet that is currently being transmitted. If DQS = 0, then
this pointer is written back to the done queue when the packet has completed transmission. This field is used by
the DMA for processing standard as well as priority packets.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 3; Bits 0 to 15/Next Pending Descriptor Pointer. This 16-bit value is the offset from the transmit
descriptor base address of the first transmit packet descriptor for the packet that is queued up next for
transmission.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 3; Bits 16 to 31/Last Pending Descriptor Pointer. This 16-bit value is the offset from the transmit
descriptor base address of the first transmit packet descriptor for the packet that is queued up last for transmission.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 4; Bits 0 to 15/Next Priority Descriptor Pointer. This 16-bit value is the offset from the transmit
descriptor base address of the next transmit priority packet descriptor for the priority packet that is currently being
transmitted. Only valid if EOF = 0 or if EOF = 1 and CV = 1.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 4; Bits 16 to 31/Unused. This field is not used by the DMA and could be any value when read.
- FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD -
dword 5; Bits 0 to 15/Last Priority Pending Descriptor Pointer. This 16-bit value is the offset from the
transmit descriptor base address of the first transmit priority packet descriptor for the priority packet that is queued
up last for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com