Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256 Datasheet(PDF) 166 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 166 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 162Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 163Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 164Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 165Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 166Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 167Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 168Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 169Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 170Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
166 of 183
well as all test registers remain at their previous states. A rising edge on JTCLK with JTMS high moves
the controller to the Exit1-IR state. A rising edge on JTCLK with JTMS low keeps the controller in the
Shift-IR state while moving data one stage through the instruction shift register.
Exit1-IR. A rising edge on JTCLK with JTMS low puts the controller in the Pause-IR state. If JTMS is
high on the rising edge of JTCLK, the controller enters the Update-IR state and terminates the scanning
process.
Pause-IR. Shifting of the instruction register is halted temporarily. With JTMS high, a rising edge on
JTCLK puts the controller in the Exit2-IR state. The controller remains in the Pause-IR state if JTMS is
low during a rising edge on JTCLK.
Exit2-IR. A rising edge on JTCLK with JTMS high puts the controller in the Update-IR state. The
controller loops back to the Shift-IR state if JTMS is low during a rising edge of JTCLK in this state.
Update-IR. The instruction shifted into the instruction shift register is latched into the parallel output on
the falling edge of JTCLK as the controller enters this state. Once latched, this instruction becomes the
current instruction. A rising edge on JTCLK with JTMS low puts the controller in the Run-Test-Idle state.
With JTMS high, the controller enters the Select-DR-Scan state.
12.3 Instruction Register and Instructions
The instruction register contains a shift register as well as a latched parallel output, and is 3 bits in length.
When the TAP controller enters the Shift-IR state, the instruction shift register is connected between JTDI
and JTDO. While in the Shift-IR state, a rising edge on JTCLK with JTMS low shifts data one stage
toward the serial output at JTDO. A rising edge on JTCLK in the Exit1-IR state or the Exit2-IR state with
JTMS high moves the controller to the Update-IR state. The falling edge of that same JTCLK latches the
data in the instruction shift register to the instruction parallel output. Table 12-A shows instructions
supported by the DS31256 and their respective operational binary codes.
Table 12-A. Instruction Codes
INSTRUCTION
SELECTED REGISTER
INSTRUCTION CODES
SAMPLE/PRELOAD
Boundary Scan
010
BYPASS
Bypass
111
EXTEST
Boundary Scan
000
CLAMP
Bypass
011
HIGHZ
Bypass
100
IDCODE
Device Identification
001
SAMPLE/PRELOAD. SAMPLE/PRELOAD is a mandatory instruction for the IEEE 1149.1
specification that supports two functions. The digital I/Os of the DS31256 can be sampled at the
boundary scan register without interfering with the normal operation of the device by using the Capture-
DR state. SAMPLE/PRELOAD also allows the DS31256 to shift data into the boundary scan register
through JTDI using the Shift-DR state.
EXTEST. EXTEST allows testing of all interconnections to the DS31256. When the EXTEST
instruction is latched in the instruction register, the following actions occur. Once enabled through the
Update-IR state, the parallel outputs of all digital output pins are driven. The boundary scan register is
connected between JTDI and JTDO. The Capture-DR samples all digital inputs into the boundary scan
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com