Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018010FSC Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 24Page - Zilog, Inc. Z8018010FSC Datasheet HTML 25Page - Zilog, Inc. Z8018010FSC Datasheet HTML 26Page - Zilog, Inc. Z8018010FSC Datasheet HTML 27Page - Zilog, Inc. Z8018010FSC Datasheet HTML 28Page - Zilog, Inc. Z8018010FSC Datasheet HTML 29Page - Zilog, Inc. Z8018010FSC Datasheet HTML 30Page - Zilog, Inc. Z8018010FSC Datasheet HTML 31Page - Zilog, Inc. Z8018010FSC Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
UM005001-ZMP0400
13
• Programmable Reload Timers (PRT, 2 channels)
• Clock Serial I/O (CSIO) channel.
Other Z8X180 family members (such as Z80183, Z80S183, Z80185/195)
feature, in addition to these blocks, additional peripherals and are covered
in their associated Product Specification
Clock Generator
This logic generates the system clock from either an external crystal or
clock input. The external clock is divided by two and provided to both
internal and external devices.
Bus State Controller
This logic performs all of the status and bus control activity associated
with both the CPU and some on-chip peripherals. This includes Wait
State timing, RESET cycles, DRAM refresh, and DMA bus exchanges.
Interrupt Controller
This block monitors and prioritizes the variety of internal and external
interrupts and traps to provide the correct responses from the CPU. To
remain compatible with the Z80 CPU, three different interrupt modes are
supported.
Memory Management Unit
The MMU allows the user to map the memory used by the CPU (logically
only 64K) into the 1MB addressing range supported by the Z8X180. The
organization of the MMU object code features compatibility with the Z80
CPU while offering access to an extended memory space. This capability
is accomplished by using an effective common area - banked area
scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com