Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8018010FSC Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Microprocessor Unit
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 49Page - Zilog, Inc. Z8018010FSC Datasheet HTML 50Page - Zilog, Inc. Z8018010FSC Datasheet HTML 51Page - Zilog, Inc. Z8018010FSC Datasheet HTML 52Page - Zilog, Inc. Z8018010FSC Datasheet HTML 53Page - Zilog, Inc. Z8018010FSC Datasheet HTML 54Page - Zilog, Inc. Z8018010FSC Datasheet HTML 55Page - Zilog, Inc. Z8018010FSC Datasheet HTML 56Page - Zilog, Inc. Z8018010FSC Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 124 page
background image
Z 8018x Fam il
y
M PU Use r M anual
38
UM005001-ZMP0400
1.
Set bits 6 and 3 to 1 and 0, respectively.
2.
Set the I/O STOP bits (bit 5 of ICR, I/O Address = 3FH) to 1.
3.
Execute the SLEEP instruction.
When the device is in STANDBY mode, it performs similar to the
SYSTEM STOP mode as it exists on the Z80180-class processors, except
that the STANDBY mode stops the external oscillator, internal clocks and
reduces power consumption to 50
µA (typical).
Because the clock oscillator has been stopped, a restart of the oscillator
requires a period of time for stabilization. An 18-bit counter has been
added in the Z8S180Z8L180 to allow for oscillator stabilization. When
the part receives an external IRQ or BUSREQ during STANDBY mode,
the oscillator is restarted and the timer counts down 217 counts before
acknowledgment is sent to the interrupt source.
The recovery source must remain asserted for the duration of the 217
count, otherwise STANDBY restarts.
STANDBY Mode Exit with BUS REQUEST
Optionally, if the BREXT bit (D5 of CPU Control Register) is set to 1, the
Z8S180 exits STANDBY mode when the BUSREQ input is asserted. The
crystal oscillator is then restarted. An internal counter automatically
provides time for the oscillator to stabilize, before the internal clocking
and the system clock output of the Z8S180 are resumed.
The Z8S180 relinquishes the system bus after the clocking is resumed by:
• 3-State the address outputs A19–A0
• 3-State the bus control outputs MREQ, IORQ, RD, and WR
• Asserting BUSACK
The Z8S180 regains the system bus when BUSREQ is deactivated. The
address outputs and the bus control outputs are then driven High. The
STANDBY mode is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com