Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 38Page - Analog Devices LTC4261 Datasheet HTML 39Page - Analog Devices LTC4261 Datasheet HTML 40Page - Analog Devices LTC4261 Datasheet HTML 41Page - Analog Devices LTC4261 Datasheet HTML 42Page - Analog Devices LTC4261 Datasheet HTML 43Page - Analog Devices LTC4261 Datasheet HTML 44Page - Analog Devices LTC4261 Datasheet HTML 45Page - Analog Devices LTC4261 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
LTC4283
42
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
to the I2C master, this allows the master to issue a com-
mand that power cycles the entire board, including itself.
Once set, the RBT_EN bit remains 1 after reboot is com-
pleted. Clear it before issuing the next reboot command.
Data Converters
The LTC4283 incorporates a pair of Sigma-Delta A/D
converters (ADCs) that are configurable from 8-bit at
1kHz conversion rate to 16-bit at 1Hz conversion rate
in five settings using the ADC bits in PGIO_CONFIG_2
register 0x11 (see Table 12). In the default continuous
mode, the first ADC (ADC1) continuously monitors the
input current through a sense resistor between SENSE+
and SENSE−. The second ADC (ADC2) is synchronized to
ADC1 and monitors VPWR for power multiplication plus
one of the 14 auxiliary inputs. VPWR is selectable between
the attenuated input voltage at RTNS and the attenuated
MOSFET drain voltage at DRNS using the VPWR_SELECT
bit in CONFIG_3 register 0x0F. The auxiliary inputs include
10 single-ended signals and 4 differential signals and
are selectable using ADC_SELECT registers 0x13-0x14
(see Table 14). If multiple auxiliary inputs are selected,
ADC2 will rotate between them in the continuous mode
as illustrated in Figure 15. The AUX_ADC_CH bits in ADC_
STATUS register 0x01 are refreshed at the end of each
conversion to indicate the auxiliary input that completed
the latest measurement (see Table 5). If all bits in ADC_
SELECT registers 0x13–0x14 are cleared while the ADCs
are running in continuous mode, ADC1 and ADC2 con-
tinue to measure SENSE+ − SENSE− and VPWR (RTNS or
DRNS), respectively. The auxiliary measurements of ADC2
are disabled and the data in 0x41–0x79 from the previous
measurement are preserved except 0x4A (ADIN1), which
is overwritten by a small number.
The full-scale voltage of any single-ended input is 2.048V.
For each differential input, one terminal must be at the
same potential of VEE. Normally the negative terminal is at
VEE and the full-scale is 32.768mV. If the positive terminal
is at VEE, the full scale becomes 33.301mV. When using
ADIN1–ADIN4 and ADIO1–ADIO4 as differential inputs,
ADIN1, ADIN3, ADIO1 and ADIO3 must be the negative
terminals, and ADIN2, ADIN4, ADIO2, ADIO4 must be
positive terminals, respectively. Note that for each reso-
lution setting, the resolution of differential auxiliary inputs
of ADC2 is one bit less than that of the SENSE+ − SENSE−
input of ADC1 or the single-ended inputs.
After each conversion of the two synchronized ADCs, the
measured current sense voltage (SENSE+ − SENSE−) is
multiplied by the measured VPWR (RTNS or DRNS) volt-
age to calculate input power or MOSFET power, configu-
rable using the VPWR_SELECT bit in CONFIG_3 register
0x0F. All measured results and calculated power are stored
to corresponding data registers (see Table 3). They are
also compared to the minimum and maximum values that
are stored in the minimum and maximum data registers. If
the measurement is a new minimum or maximum value,
then the corresponding minimum or maximum data reg-
isters are updated. Note that all ADC data registers from
0x41 to 0x79 have a length of two bytes or 16 bits, and
the data for all resolutions are left justified.
The ADC measurements are compared to the 8-bit mini-
mum and maximum alarm thresholds that are config-
ured using registers 0x1B through 0x40 and will set the
ROTATION SEQUENCE OF AUXILIARY INPUTS SELECTED BY ADC_SELECT REGISTERS 0x13-0x14
TIME
ADIN1-4
ADIO1-4
DRNS
DRAIN
RESERVED
RESERVED
ADIN2 – ADIN1
ADIN4 – ADIN3
ADIO2 – ADIO1
ADIO4 – ADIO3
• • •
ADC1
ADC1
• • •
ADC1
ADC1
• • •
SENSE+ – SENSE−
SENSE+ – SENSE−
SENSE+ – SENSE−
SENSE+ – SENSE−
• • •
ADC2
ADC2
• • •
ADC2
ADC2
• • •
AUX1
VPWR
AUX2
VPWR
AUXN
VPWR
AUX1
VPWR
Figure 15. LTC4283 ADC Measurement Pattern in Continuous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com