Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 65Page - Analog Devices LTC4261 Datasheet HTML 66Page - Analog Devices LTC4261 Datasheet HTML 67Page - Analog Devices LTC4261 Datasheet HTML 68Page - Analog Devices LTC4261 Datasheet HTML 69Page - Analog Devices LTC4261 Datasheet HTML 70Page - Analog Devices LTC4261 Datasheet HTML 71Page - Analog Devices LTC4261 Datasheet HTML 72Page - Analog Devices LTC4261 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
LTC4283
69
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
BIT NAME
OPERATION
DEFAULT
ADC_ALERT_5 (0x1A) – Read/Write
7
ADIN12_HIGH_ALERT
Enables alert when ADIN2 – ADIN1 was above ADIN12_MAX_TH; 1 = enable alert, 0 = disable alert
0
6
ADIN12_LOW_ALERT
Enables alert when ADIN2 – ADIN1 was below ADIN12_MIN_TH; 1 = enable alert, 0 = disable alert
0
5
ADIN34_HIGH_ALERT
Enables alert when ADIN4 – ADIN3 was above ADIN34_MAX_TH; 1 = enable alert, 0 = disable alert
0
4
ADIN34_LOW_ALERT
Enables alert when ADIN4 – ADIN3 was below ADIN34_MIN_TH; 1 = enable alert, 0 = disable alert
0
3
ADIO12_HIGH_ALERT
Enables alert when ADIO2 – ADIO1 was above ADIO12_MAX_TH; 1 = enable alert, 0 = disable alert
0
2
ADIO12_LOW_ALERT
Enables alert when ADIO2 – ADIO1 was below ADIO12_MIN_TH; 1 = enable alert, 0 = disable alert
0
1
ADIO34_HIGH_ALERT
Enables alert when ADIO4 – ADIO3 was above ADIO34_MAX_TH; 1 = enable alert, 0 = disable alert
0
0
ADIO34_LOW_ALERT
Enables alert when ADIO4 – ADIO3 was below ADIO34_MIN_TH; 1 = enable alert, 0 = disable alert
0
Table 17. ENERGY Registers (0x7A-0x7F) – Read/Write
BIT
NAME
OPERATION
DEFAULT
47:0 ENERGY
Data of metered energy
0x0000_0000_0000
Table 18. TICK_COUNTER Registers (0x80-0x83) – Read/Write
BIT
NAME
OPERATION
DEFAULT
31:0 TICK_COUNTER
Counts number of ADC conversion cycles that power measurements have been accumulated
in the energy meter
0x0000_0000
Table 19. METER_CONTROL Register (0x84) – Read/Write
BIT
NAME
OPERATION
DEFAULT
7
METER_RESET
Resets energy meter and tick counter until cleared; 1 = reset, 0 = reset cleared
0
6
METER_HALT
Halts energy meter and tick counter from accumulating; 1 = halted, 0 = not halted
0
5
TICK_OVERFLOW
Tick counter has overflowed; 1 = overflowed, 0 = not overflowed
0
4
METER_OVERFLOW
Energy meter accumulator has overflowed; 1 = overflowed, 0 = not overflowed
0
3
ALERT_GENERATED
Latched to 1 when an alert is generated and can only be cleared via I2C; 1 = alert generated,
0 = alert has not been generated
0
2
EE_LOCK
EEPROM lock status, read only; 1 = EEPROM is factory locked, 0 = EEPROM is not factory locked
0
1:0
Reserved
Read only, always returns 0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com