Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4261
Description  Negative Voltage Hot Swap Controller with Energy Monitor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 20Page - Analog Devices LTC4261 Datasheet HTML 21Page - Analog Devices LTC4261 Datasheet HTML 22Page - Analog Devices LTC4261 Datasheet HTML 23Page - Analog Devices LTC4261 Datasheet HTML 24Page - Analog Devices LTC4261 Datasheet HTML 25Page - Analog Devices LTC4261 Datasheet HTML 26Page - Analog Devices LTC4261 Datasheet HTML 27Page - Analog Devices LTC4261 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
LTC4283
24
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
5. OV is higher than 1.406V (overvoltage fault).
6. UVL is lower than 1.833V and UVH is lower than
2.048V (undervoltage fault).
7. TMR reaches its 2.048V threshold (overcurrent fault).
8. DRAIN rises above 2.048V or GATE dips below VIN
– 1.8V and this condition lasts longer than a pre-
configured delay (FET bad fault).
9. PGIO3, when configured as PGI#/PGI input, is high/
low when the PGI check delay of 512ms expires
(PGI fault).
10. PGIO4 pin, when configured as EXT_FAULT#/EXT_
FAULT, is low/high (external fault).
11. The RBT_EN bit in REBOOT register 0xA2 is set.
For condition 8, if the FET_BAD_TURN_OFF bit in
CONTROL_1 register 0x0A is cleared, the MOSFET
remains on following a FET bad fault. For condition 10,
if the EXT_FAULT_TURN_OFF bit in CONFIG_3 register
0x0F is cleared, the MOSFET remains on following an
external fault. For condition 11, the LTC4283 will automat-
ically reboot after a programmable delay. See Reboot on
I2C Command. For each independent GATE turn-off fault,
the LTC4283 can be configured to latch off the MOSFET
or go into an auto-retry sequence after the fault occurs.
Overcurrent Protection
The LTC4283 features two levels of protection from short-
circuit and overcurrent conditions. Load current is moni-
tored by SENSE+ and SENSE− pins and sense resistor.
There are two distinct thresholds for the sense voltages:
VILIM and VILIM(FAST). VILIM is configurable from 15mV to
30mV in 1mV steps and VILIM(FAST) is always twice VILIM.
See Current Limit Adjustment for details.
If the sense voltage reaches VILIM, GATE is pulled down
by 50mA current until the active current limit loop is
engaged. In the event of a catastrophic short-circuit or
a sudden input step, where the sense voltage reaches
VILIM(FAST), the GATE is immediately pulled down by a
2.3A current to limit peak current through the MOSFET.
When the sense voltage drops to VILIM, the active current
limit loop is engaged.
SOA Timer
During active current limit, the power dissipation in the
MOSFET is large. If this power dissipation persists, the
MOSFET can reach temperatures that cause damage.
MOSFET manufacturers specify the safe limits on operat-
ing voltage, current and time as a curve referred to as the
Safe Operating Area (SOA). Commonly, a circuit breaker
timer sets a maximum time for the MOSFET to operate in a
current limit mode. When this timer expires, the MOSFET
is turned off to protect it from overheating. Traditional
circuit breakers often employ a fixed current charging an
external capacitor. The minimum timer timeout must be
set to allow the worst-case operating condition, such as
completely charging a large bypass capacitor at output
during startup or riding through a large input step. Then
upon fault conditions such as an output short-circuit at
full supply voltage, the MOSFET must withstand the large
power throughout the entire timer duration. Therefore,
the MOSFET must be selected to withstand the worst-
case SOA condition that occurs during any possible nor-
mal operating condition or fault condition. This not only
substantially increases the cost of the MOSFET, but also
complicates the design procedure and MOSFET selection.
The LTC4283 features a circuit breaker timer that better
fits the SOA of the MOSFET. When active current limit is
engaged, the OC_STATUS bit in FAULT_STATUS register
0x03 is set, and the TMR pin is activated and charged up
by a current proportional to the power dissipation in the
MOSFET. A proper electric model (RC network) is selected
to represent the thermal behavior of the MOSFET. When
this RC network is connected between TMR and VEE, the
TMR voltage is proportional to the rise in the MOSFET junc-
tion temperature. The LTC4283 compares the TMR voltage
to a fixed threshold voltage of 2.048V, which represents
the maximum allowable junction temperature rise in the
MOSFET. When the TMR voltage crosses this threshold,
the LTC4283 turns off the MOSFET. Therefore, to provide
an appropriate protection of a MOSFET, one simply selects
the MOSFET that meets the SOA requirement for allowable
operating conditions such as startup and input step. The
MOSFET is automatically turned off before it is subject to
any condition that would exceed its SOA rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com