Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 35Page - Analog Devices LTC4261 Datasheet HTML 36Page - Analog Devices LTC4261 Datasheet HTML 37Page - Analog Devices LTC4261 Datasheet HTML 38Page - Analog Devices LTC4261 Datasheet HTML 39Page - Analog Devices LTC4261 Datasheet HTML 40Page - Analog Devices LTC4261 Datasheet HTML 41Page - Analog Devices LTC4261 Datasheet HTML 42Page - Analog Devices LTC4261 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
LTC4284
39
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 18. Use PGIO4/EXT_FAULT to Turn Off
MOSFET when Drain Temperature Exceeds 115°C
Resetting Faults
Faults are reset with any of the following conditions. First,
writing zeros to FAULT register 0x04 will clear the associ-
ated fault bits. Second, the entire FAULT register is cleared
when the ON bit in CONTROL_1 register 0x0A goes from
high to low, or if INTVCC falls below its 3.8V undervolt-
age lockout. EN# falling from high to low also clears the
entire FAULT register. Finally, when UVL is pulled below its
1.024V reset threshold, all fault bits in the FAULT register
are cleared. When UVL is brought back above 1.024V but
below 1.833V, the UV_FAULT bit is set if UVH is below
2.048V. This can be avoided by holding UVH above
2.048V while toggling UVL to reset faults.
Fault bits with associated fault conditions that are still
present (as indicated in FAULT_STATUS register 0x03)
cannot be cleared. The FAULT register will not be cleared
when auto-retrying. When auto-retry of a specific GATE
turn-off fault is disabled using CONTROL_2 register 0x0B,
the existence of the associated fault bit keeps the MOSFET
off. After the fault bit is cleared and the associated retry
delay expires, the MOSFETs are allowed to turn on again.
If auto-retry of a fault is enabled, then a high state of the
associated fault status bit in 0x03 will hold the MOSFETs
off and the FAULT register is ignored. Subsequently, when
the condition causing the fault is cleared (and so is the
fault status bit in 0x03), the MOSFETs are allowed to turn
on again.
Alarms
Besides the fault bits and the EN#_CHANGED bit, the
LTC4284 also logs ADC alarms in ADC_ALARM_LOG
registers 0x05-0x09 when ADC results are higher than
the pre-configured MAX thresholds or lower than the
C1
10nF
RTH*
470 at 25°C
4.7k at 115°C
R1
13.7k
1%
INTVCC
LTC4284
VEE
PGIO4
TDK/EPCOS
B59421A0115A062
*RTH PLACED NEAR MOSFET DRAIN
4284 F18
PGIO4_CONFIG = 01b
EXTFLT_TURN_OFF = 1
pre-configured MIN thresholds. In addition, when the tick
counter or energy meter overflows, the TICK_OVERFLOW
bit or METER_OVERFLOW bit is logged into METER_
CONTROL register 0x84. Finally, when EEPROM is writ-
ten through I2C, the EEPROM_WRITTEN bit is logged into
ADC_ALARM_LOG register 0x05. Similar to the fault bits,
these alarm bits indicate the history of corresponding
conditions and do not reflect the present status of the
conditions. Any alarm bit can only be reset by two meth-
ods: writing a zero to the alarm bit using I2C or bringing
INTVCC below its undervoltage lockout voltage.
EN# Pin
EN# has a 1.28V logic threshold relative to VEE with a
maximum leakage current of 1μA at 3V. It must be pulled
low and remain low during the 128ms debounce delay.
When the delay expires, the MOSFETs are allowed to turn-
on. An internal clamp limits EN# to a minimum of 6V. The
pin can be safely connected to higher voltages through a
resistor that limits the current up to 5mA. It can be used
to monitor board present as shown in Figure 2.
The EN# bit in SYSTEM_STATUS register 0x00 indicates
the present state of EN#, and the EN#_CHANGED bit in
ADC_ALARM_LOG_1 register 0x05 is set high whenever
EN# changes state. The EN#_CHANGED bit can be cleared
using the same methods as those for resetting faults (see
Resetting Faults) except pulling EN# from high to low.
Pulling EN# from high to low sets the EN#_CHANGED bit
while clearing the entire FAULT register 0x04.
ON Bit
The ON bit in CONTROL_1 register 0x0A allows one to
turn on (ON bit = 1) and turn off (ON bit = 0) the MOSFETs
through the I2C interface. There is no debounce delay
associated with this bit, so the MOSFETs are immediately
turned on after the bit is flipped from 0 to 1 while all other
turn-on conditions are met.
When the ON bit is changed from 1 to 0, the MOSFETs
are turned off and all bits in FAULT register 0x04 plus the
EN#_CHANGED bit in ADC_ALARM_LOG_1 register 0x05
are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com