Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 9Page - Analog Devices LTC4261 Datasheet HTML 10Page - Analog Devices LTC4261 Datasheet HTML 11Page - Analog Devices LTC4261 Datasheet HTML 12Page - Analog Devices LTC4261 Datasheet HTML 13Page - Analog Devices LTC4261 Datasheet HTML 14Page - Analog Devices LTC4261 Datasheet HTML 15Page - Analog Devices LTC4261 Datasheet HTML 16Page - Analog Devices LTC4261 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
LTC4284
13
Rev. B
For more information www.analog.com
PIN FUNCTIONS
DRNS (Pin 21): Attenuated Drain Sense Input. Connect to
the tap of an external resistive divider between the drain
terminal of the N-channel MOSFET and VEE to monitor
the drain voltage. DRNS coupled with RTNS monitors the
output voltage for the load, which controls dV/dt inrush
current and current limit foldback. DRNS operates from
0 to 2.8V. Connect to VEE if unused.
EN# (Pin 1): Device Enable Input. Pull low to enable the
GATE outputs to turn-on after a startup debounce delay.
When pulled high, both GATE1 and GATE2 are turned
off. A high-to-low transition clears faults. Transitions are
recorded. Requires external pull-up. Debouncing with an
external capacitor is recommended when used to monitor
board present. Connect to VEE if unused.
Exposed Pad (Pin 45): Exposed Pad may be left open or
connected to device ground (VEE).
GATE1, GATE2 (Pin 18, Pin 19): N-Channel MOSFET Gate
Drive Outputs. The GATEs can be configured into single
driver, parallel, high stress staged start, and low stress
staged start modes. See Table 1 in Application Information
for details. The GATEs are pulled high by internal current
sources (>40μA) when VIN and INTVCC cross the UVLO
thresholds, UV and OV conditions are satisfied, no other
faults are present and the debounce delay expires. The
GATE1 and GATE2 voltages higher than VIN – 1.8V satisfy
one of the conditions to assert power good outputs. Upon
a low impedance output short, a 1.2A fast pull-down cur-
rent is immediately activated.
INTVCC (Pin 42): 5V Internal Supply Output. The output of
the internal linear regulator sources up to 30mA with an
UVLO threshold of 4V. The supply powers the data con-
verters, logic control circuitry, I2C interface and EEPROM.
Bypass with 1μF capacitor to VEE. INTVCC is not current
limited. When driving INTVCC with an external supply, VIN
and VZ must be left open or connected to INTVCC.
MODE (Pin 40): GATE Drive Mode Configuration Input.
Its voltage decodes four operation modes of GATE1 and
GATE2. Leaving MODE open enables the single driver
mode (Mode 1): GATE1 and GATE2 drive a single chan-
nel of MOSFETs. Connecting MODE to VEE enables the
parallel mode (Mode 2): GATE1 and GATE2 drive two par-
allel channels of MOSFETs that turn on simultaneously to
share the load current and turn off simultaneously upon
overload. Connecting MODE to VIN enables the high stress
staged start mode (Mode 3): GATE1 drives a high SOA
MOSFET that turns on first for startup and withstands the
stress under overload conditions, while GATE2 drives a
low RDS(ON) MOSFET as a bypass switch that turns on
after GATE1 is fully enhanced and turns off whenever
overload occurs. Connecting MODE to INTVCC enables
the low stress staged start mode (Mode 4): the turn-on
behavior of GATE1 and GATE2 is the same as Mode 3,
but GATE1 drives a low SOA trickle MOSFET and the low
RDS(ON) bypass MOSFET driven by GATE2 stays on under
overload to share the stress. See Applications Information
for more details.
OV (Pin 4): Overvoltage Detection Input. Connect to an
external resistive divider from VEE. When OV is above its
threshold of 1.406V, the GATE outputs pull low to turn off
the MOSFETs and an overvoltage fault is recorded. The
overvoltage fault does not affect the status of the power
good outputs. Connect to VEE if unused.
PGIO1, PGIO2 (Pin 29, Pin 30): General Purpose
Inputs/Outputs. Configurable to sequenced, inverted
and non-inverted power good outputs, general purpose
logic inputs and open-drain outputs. See Table  12 in
Application Information for details. If the PGIO2_ACLB
bit in CONTROL_1 register 0x0A is set, PGIO2 is config-
ured as inverted current limit engagement indicator after
startup. Connect to VEE if unused.
PGIO3 (Pin 31): General Purpose Input/Output.
Configurable to inverted and non-inverted power good
watchdog input (PGI# and PGI), general purpose logic
input and open-drain output. See Table 12 in Application
Information for details. Connect to VEE if unused.
PGIO4 (Pin 32): General Purpose Input/Output.
Configurable to inverted and non-inverted external fault
input (EXT_FAULTIN# and EXT_FAULTIN), general pur-
pose logic input and open-drain output. See Table 12 in
Application Information for details. Connect to INTVCC
through a 10kΩ pull-up resistor if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com