Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4261 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC4261
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4261 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC4261 Datasheet HTML 74Page - Analog Devices LTC4261 Datasheet HTML 75Page - Analog Devices LTC4261 Datasheet HTML 76Page - Analog Devices LTC4261 Datasheet HTML 77Page - Analog Devices LTC4261 Datasheet HTML 78Page - Analog Devices LTC4261 Datasheet HTML 79Page - Analog Devices LTC4261 Datasheet HTML 80Page - Analog Devices LTC4261 Datasheet HTML 81Page - Analog Devices LTC4261 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
LTC4284
80
Rev. B
For more information www.analog.com
PACKAGE DESCRIPTION
5.00 ±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
43 44
2
1
BOTTOM VIEW—EXPOSED PAD
6.55 ±0.10
8.00 ±0.10
0.75 ± 0.05
0.75 ±0.05
R = 0.125
TYP
0.00 – 0.05
0.25 ±0.05
(UHG44) QFN 0417 REV 0
0.50 BSC
0.325 REF
0.200 REF
6.50 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
3.50 REF
0.40 ±0.10
0.00 – 0.05
0.70 ±0.05
0.50 BSC
1.00 BSC
6.50 REF
3.50 REF
4.10 ±0.05
5.50 ±0.05
0.25 ±0.05
6.55 ±0.05
3.55 ±0.05
7.10 ±0.05
8.50 ±0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35 × 45° CHAMFER
UHG Package
44-Lead Plastic QFN (5mm × 8mm)
(Reference LTC DWG # 05-08-1581 Rev Ø)
3.55 ±0.10
DETAIL A
0.08 REF
0.31 REF
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com