Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4413 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4421
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
CASIN: Digital Input for Cascading. Connect to CASOUT
of another, higher priority LTC4421 when cascading.
Connect to INTVCC or drive to a supply voltage above 1V
if not used.
CASOUT: Digital Output for Cascading. Connect to the
CASIN of another, lower priority LTC4421 when cascad-
ing. Leave open if not used.
CH1: Voltage Power Source Indicator Output. This open-
drain output pulls low when V1 is powering the output
voltage and releases high otherwise. Connect a pull-up
resistor to a supply less than or equal to 36V to provide
the pull-up. Connect to ground or leave open if unused.
CH2: Voltage Power Source Indicator Output. This open-
drain output pulls low when V2 is powering the output
voltage and releases high otherwise. Connect a pull-up
resistor to a supply less than or equal to 36V to provide
the pull-up. Connect to ground or leave open if unused.
CPO: Charge Pump Output. This is the output of the charge
pump, which is used to provide overdrive to the GATE pins.
Connect a ceramic capacitor between CPO and CPOREF
whose value must be at least 10 times the combined
capacitance of the GATE compensation capacitor plus the
gate capacitance of the back-to-back external N-Channel
MOSFETs of one channel. When the (CPO–CPOREF) voltage
is lower than the CPOGOOD threshold voltage VCPO(UVL),
the input supplies are prevented from powering the output.
See the Operation section for details of the initial start-up
delay due to the time required to charge the CPO capacitor.
CPOREF: Charge Pump Reference Output. This is the
reference point for the charge pump, which is used to
provide overdrive to the GATE pins. Connect to the system
output voltage using a short PCB trace. Do not connect
to the OUT1 or OUT2 sense resistor Kelvin connections.
DISABLE1, DISABLE2: Digital Inputs for Input Disconnect
and Current Limit Fault Reset. Voltages below 1V prevent
the corresponding input V1, V2 supply from powering the
output voltage. Driving DISABLE low, then high after a cur-
rent limit fault resets the current limit timer circuitry and
releases the corresponding FAULT pin high. Connecting
DISABLE to the corresponding FAULT pin configures the
device in auto-retry mode, with a cool-down period between
retries that is 1024 times longer than the current limit fault
time. See Applications Information for more details. Tie to
INTVCC or drive to a supply voltage above 1V if not used.
EXTVCC: External High Priority Supply Input. When EXTVCC
exceeds 2.45V, an internal LDO generates a low voltage
supply rail from EXTVCC to power the low voltage inter-
nal circuitry. Most of the LTC4421’s ICC is drawn from
EXTVCC. Connect EXTVCC to a supply voltage ranging from
3.0V to 36V. Connect EXTVCC to the output voltage (OUT1
or OUT2) to make the output voltage provide the internal
bias current to the LTC4421. If unused, connect to ground,
and the LDO will be powered from another supply.
FAULT1, FAULT2: Current Limit Fault Indicators. These
open-drain outputs pull low when an overcurrent fault
occurs on their corresponding inputs and remain low dur-
ing the cool down cycle. Connect pull-up resistors to a
supply voltage less than or equal to 36V to provide the
pull-up. Tie to ground or leave open if unused.
GATE1, GATE2: Gate Drives for External N-Channel
MOSFETs. Connect these pins to the gates of the exter-
nal back-to-back N-Channel MOSFETs. The charge pump
drives these pins with up to 12V of enhancement. Connect
a capacitor between each GATE pin and the sources of the
corresponding MOSFETs to compensate the current limit
regulation loop.
GND: Device Ground.
INTVCC: Internal Low Voltage Supply Decoupling Output.
An internal LDO generates a low voltage rail to power the
low voltage internal circuitry. It is capable of supplying
up to 500µA of external current. Connect a 1µF or larger
capacitor between this pin and ground to provide bypass-
ing. This pin has an undervoltage lockout threshold volt-
age of 2.3V.
OUT1, OUT2: Output Voltage Sense. The LTC4421 pre-
vents input supplies from connecting to the correspond-
ing OUT until OUT is at least 35mV below the connecting
supply. These pins are also used in conjunction with the
SENSE pins to set the current limit values for the input
supplies. Connect OUT directly to the output side of the
sense resistor with Kelvin connection.
OV1, OV2: Overvoltage Comparator Inputs. Rising input
voltages that cross above 0.5V cause an overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com