Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4413 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 18Page - Analog Devices LTC4413 Datasheet HTML 19Page - Analog Devices LTC4413 Datasheet HTML 20Page - Analog Devices LTC4413 Datasheet HTML 21Page - Analog Devices LTC4413 Datasheet HTML 22Page - Analog Devices LTC4413 Datasheet HTML 23Page - Analog Devices LTC4413 Datasheet HTML 24Page - Analog Devices LTC4413 Datasheet HTML 25Page - Analog Devices LTC4413 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4421
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Minimizing Bias Current Draw from Lower Priority
Supplies
In order to minimize current draw from lower priority
power sources, the LTC4421 draws the vast majority of
its supply current from the highest priority available sup-
ply. When SHDN is high and EXTVCC is connected to the
system output voltage, the LTC4421 consumes 600µA
from the supply powering the output and only 10µA to
26µA from the other supplies. When SHDN is low, the 6µA
(typical) is drawn from the highest of the V1, V2, EXTVCC
and OUT1 voltages, and the supply current in each of the
other, lower voltage pins is a miniscule 250nA.
Digital Status Outputs VALID1, VALID2, CH1, CH2
The LTC4421 provides open-drain pull-down digital out-
puts to provide system status information. The VALID1
and VALID2 pins pull low when their respective V1 and V2
input supplies have been validated. The CH1 and CH2 pins
pull low when their input supply is connected to the output
voltage. Connect large value pull-up resistors between
these pins and INTVCC to provide the logic high, taking
care not to exceed the 500µA maximum current draw
from INTVCC. The pull-downs are capable of driving low
power LED’s, but they cannot be pulled up to INTVCC in
that case due to the LED current required. When using
LED’s, power the pull-up from a supply voltage up to 36V.
These outputs can be used in conjunction with the DISABLE
pins in a variety of application circuits to change V1, V2 pri-
ority over time. For example, consider what happens when
CH2 is connected to DISABLE1. Once V2 is connected to
the output, it will continue to power the output regardless of
V1’s validity. In effect, V2 became the higher priority supply,
but only after it connected to the output. This configuration
can be used in systems where, after switching to the sec-
ondary supply, it is desirable to run the secondary supply
to full discharge before re-connecting to the primary. For
proper operation at power up, it is essential that Channel 1
becomes valid before Channel 2.
In Figure 10, logic gates U1 and U2 disable channel 1
whenever V2 is valid, enabled and does not have a latched
overcurrent fault. Disabling channel 1 disconnects V1
from the output and allows V2 to connect to the output.
This configuration permanently flips V1 and V2 priority,
so that V2 is always the higher priority input.
In Figure 11, inverter U1 is used to connect the logically
inverted VALID2 signal to DISABLE1. This configuration
prevents Channel 1 from connecting to the output when-
ever Channel 2 is invalid. This prevents the primary input
from powering the output unless a valid secondary supply
is available to power the output when the primary fails.
Input and Output Short Circuits and Supply Transient
Protection
When an input supply powering the output is shorted
to ground, the LTC4421 senses reverse current through
the sense resistor. When the reverse voltage developed
DIS2
VALID2
FAULT2
DISABLE1
DISABLE2
RFLT2
100k
RVLD2
100k
LTC4421
LTC4421 F10
5V
U1
U2
RVLD2
100k
DISABLE1
VALID2
LTC4421
LTC4421 F11
5V
Figure 10. Flip Priority. Two External Logic Gates Are Used to
Flip Priorities of Channel 1 and Channel 2
Figure 11. Valid Secondary Required. Preventing the Primary
Input Supply from Powering the Output Unless a Valid Secondary
Supply Is Present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com