Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4413 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4413
Description  High Power Prioritized PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 1 Page - Analog Devices

  LTC4413 Datasheet HTML 1Page - Analog Devices LTC4413 Datasheet HTML 2Page - Analog Devices LTC4413 Datasheet HTML 3Page - Analog Devices LTC4413 Datasheet HTML 4Page - Analog Devices LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4421
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Power Prioritized
PowerPath Controller
The LTC®4421 connects one of two input supplies to a
common output based on user-defined priority and valid-
ity. By definition, the supply connected to V1 is the higher
priority supply, although this can be changed dynamically.
External resistive dividers set the undervoltage and over-
voltage thresholds that bound the valid voltage window.
Strong gate drivers switch the large external N-channel
MOSFETs quickly. Fast switchover circuitry minimizes
output droop when changing channels while preventing
reverse and cross conduction. A fast comparator detects
input short circuits and quickly turns off the N-channel
MOSFETs to minimize disruption.
External sense resistors set the maximum inrush and cur-
rent limit currents. During current limiting, the LTC4421
controls the N-channel MOSFET gate to regulate 25mV
across the sense resistor. When the sense resistor voltage
has been regulated to 25mV for a user-settable time, the
channel is disconnected and a fault is set.
APPLICATIONS
n
0V to 36V Wide Operating Range (60V Tolerant)
n
Drives Large External N-Channel MOSFETs for High
Output Current Applications
n
Accurately Limits Inrush Current
n
Connects Highest Priority Valid Supply to Output Load
n
Changes Channel Priority in Real Time
n
±2% OV, UV Input Comparators
n
Individually Adjustable Current Limit Time-Out for
Each Channel
n
Adjustable Input Validation Time
n
Fast Switchover Minimizes VOUT Droop
n
36-Lead 5mm × 6mm QFN and SSOP Packages
n
High Reliability Systems
n
Server Based Back-Up Systems
n
Industrial Handheld Instruments
n
Battery Back-Up Systems
All registered trademarks and trademarks are the property of their respective owners.
4421 TA01
35.7k
12.7k
20k
1M
16.5k
3.92k
8.06k
1M
0.1µF
1µF
1.21
1µF
47nF
1µF
47nF
470pF
220µF
2.5m
2.5m
GATE1 SOURCE1
OUT2
GATE2 SOURCE2
V1
EXTVCC
INTVCC
TMR1
OV1
OV2
V2
CPO
SENSE1
SENSE2
VALID1
VALID2
GND
FAULT1
FAULT2
CH1
CH2
DISABLE1
DISABLE2
SHDN
UVF1
UVF2
UVR1
UVR2
OUT1
TMR2
CASIN
CASOUT
QUAL
RETRY
CPOREF
47nF
47nF
PRIMARY
ILIM1 = 10A
ILIM2 = 10A
12V
VOUT
SECONDARY
28V
LTC4421
DIGITAL
STATUS
OUTPUTS
DIGITAL
CONTROL
INPUTS
UV1FALLING = 7.81V
UV1RISING = 11.04V
OV1RISING = 14.96V
UV2FALLING = 18.1V
UV2RISING = 25.2V
OV2RISING = 31.2V
2.8
1µF


Similar Part No. - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
154Kb / 12P
Dual 2.6A, 2.5V to 5.5V, Ideal Diodes in 3mm 3mm DFN
logo
Linear Integrated Syste...
LTC4413 LINEAR-LTC4413 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4413 LINER-LTC4413 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4413 LINER-LTC4413 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
More results

Similar Description - LTC4413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
Pushbutton PowerPath Controller with Supervisor
LTC4417 LINER-LTC4417_15 Datasheet
433Kb / 32P
Prioritized PowerPat Controller
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
Battery Charger Controller and PowerPath Manager
LTC4418 LINER-LTC4418 Datasheet
1Mb / 30P
Dual Channel Prioritized PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com