Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779FDH Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 32Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 33Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 34Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 35Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 36Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 37Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 38Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 39Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
36 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.10.7
CPU clock modification: CLKR and DIVM
For backward compatibility, the CLKR configuration bit allows setting the P87LPC779
instruction and peripheral timing to match standard 80C51 timing by dividing the CPU
clock by two. Default timing for the P87LPC779 is 6 CPU clocks per machine cycle
while standard 80C51 timing is 12 clocks per machine cycle. This division also
applies to peripheral timing, allowing 80C51 code that is oscillator frequency and/or
timer rate dependent. The CLKR bit is located in the EPROM configuration register
UCFG1, described under Section 8.18 “EPROM characteristics” on page 61.
The oscillator must be configured in the External Clock input mode. A clock output may be
obtained on the X2 pin by setting the ENCLK bit in the P2M1 register.
Fig 15. Using an external clock input.
002aaa633
87LPC778
X1
X2
CMOS compatible
external oscillator signal
Fig 16. Block diagram of oscillator control.
002aaa634
FOSC2 (UCFG1.2)
FOSC1 (UCFG1.1)
FOSC0 (UCFG1.0)
CLOCK SELECT
XTAL
SELECT
CLOCK
OUT
CLOCK
SOURCES
external
clock input
internal RC
oscillator
crystal: low
frequency
crystal: medium
frequency
crystal: high
frequency
power monitor reset
power down
10-BIT RIPPLE COUNTER
oscillator startup timer
DIVIDE-BY-M
(DIVM REGISTER) AND
CLKR SELECT
COUNT 256
CLKR
(UCFG1.3)
RESET
COUNT
COUNT 1024
÷1 / ÷2
CPU
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com