Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779FDH Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 8Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 9Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 10Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 11Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 12Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 14Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
12 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
Remark: Please refer to the
P87LPC779 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P87LPC779 uses an enhanced 80C51 CPU which runs at twice the speed of
standard 80C51 devices. This means that the performance of the P87LPC779
running at 5 MHz is exactly the same as that of a standard 80C51 running at 10 MHz.
A machine cycle consists of 6 oscillator cycles, and most instructions execute in 6 or
12 clocks. A user configurable option allows restoring standard 80C51 execution
timing. In that case, a machine cycle becomes 12 oscillator cycles.
In the following sections, the term ‘CPU clock’ is used to refer to the clock that
controls internal instruction execution. This may sometimes be different from the
externally applied clock, as in the case where the part is configured for standard
80C51 timing by means of the CLKR configuration bit or in the case where the clock
is divided down via the setting of the DIVM register. These features are described in
the Section 8.10 “Oscillator” on page 34.
8.2 Analog functions
The P87LPC779 incorporates analog peripheral functions: an ADC, two Analog
Comparators, and two DACs. In order to give the best analog function performance
and to minimize power consumption, pins that are actually being used for analog
functions must have the digital outputs (except for the DAC output pins) and the
digital inputs must also be disabled.
Digital outputs are disabled by putting the port output into the Input Only (high
impedance) mode as described in the Section 8.9 “I/O ports” on page 29.
Digital inputs on port 0 may be disabled through the use of the PT0AD register. Each
bit in this register corresponds to one pin of Port 0. Setting the corresponding bit in
PT0AD disables that pin’s digital input. Port bits that have their digital inputs disabled
will be read as ‘0’ by any instruction that accesses the port.
8.3 Analog to digital converter
The P87LPC779 incorporates a four channel, 8-bit A/D converter. The A/D inputs are
alternate functions on four port 0 pins. Because the device has a very limited number
of pins, the A/D power supply and references are shared with the processor power
pins, VDD and VSS. The A/D converter operates down to a VDD supply of 3.0 V.
The A/D converter circuitry consists of a 4-input analog multiplexer and an 8-bit
successive approximation ADC. The A/D employs a ratiometric potentiometer which
guarantees DAC monotonicity.
The A/D converter is controlled by the special function register ADCON. Details of
ADCON are shown in Tables 4 and 5. The A/D must be enabled by setting the
ENADC bit at least 10 microseconds before a conversion is started, to allow time for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com