Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779FDH Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 37Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 38Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 39Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 40Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 41Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 42Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 43Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 44Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
41 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.14 Timer/counters
The P87LPC779 has two general purpose counter/timers which are upward
compatible with the standard 80C51 Timer0 and Timer1. Both can be configured to
operate either as timers or event counters (see Tables 31 and 32). An option to
automatically toggle the T0 and/or T1 pins upon timer overflow has been added.
In the ‘Timer’ function, the register is incremented every machine cycle. Thus, one
can think of it as counting machine cycles. Since a machine cycle consists of 6 CPU
clock periods, the count rate is 1
⁄
6 of the CPU clock frequency. Refer to Section 8.1
“Enhanced CPU” on page 12 for a description of the CPU clock.
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition
at its corresponding external input pin, T0 or T1. In this function, the external input is
sampled once during every machine cycle. When the samples of the pin state show a
high in one cycle and a low in the next cycle, the count is incremented. The new count
value appears in the register during the cycle following the one in which the transition
was detected. Since it takes 2 machine cycles (12 CPU clocks) to recognize a 1-to-0
transition, the maximum count rate is 1
⁄6 of the CPU clock frequency. There are no
restrictions on the duty cycle of the external input signal, but to ensure that a given
level is sampled at least once before it changes, it should be held for at least one full
machine cycle.
The ‘Timer’ or ‘Counter’ function is selected by control bits C/T in the Special
Function Register TMOD. In addition to the ‘Timer’ or ‘Counter’ selection, Timer0 and
Timer1 have four operating modes, which are selected by bit-pairs (M1, M0) in
TMOD. Modes 0, 1, and 2 are the same for both Timers/Counters. Mode 3 is different.
The four operating modes are described in the following text.
Fig 18. Block diagram showing reset sources.
002aaa636
RPD (UCFG1.6)
RST / VPP pin
WDTE (UCFG1.7)
WDT
MODULE
SOFTWARE RESET
SRST
(AUXR1.3)
POWER MONITOR
RESET
S
Q
chip reset
R
RESET
TIMING
CPU
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com