Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC010SDA070B Datasheet(PDF) 2 Page - Microchip Technology

Part # MSC010SDA070B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC010SDA070B Datasheet(HTML) 2 Page - Microchip Technology

  MSC010SDA070B Datasheet HTML 1Page - Microchip Technology MSC010SDA070B Datasheet HTML 2Page - Microchip Technology MSC010SDA070B Datasheet HTML 3Page - Microchip Technology MSC010SDA070B Datasheet HTML 4Page - Microchip Technology MSC010SDA070B Datasheet HTML 5Page - Microchip Technology MSC010SDA070B Datasheet HTML 6Page - Microchip Technology MSC010SDA070B Datasheet HTML 7Page - Microchip Technology MSC010SDA070B Datasheet HTML 8Page - Microchip Technology MSC010SDA070B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.
Device Specifications
This section shows the specifications of the MSC010SDA070B device.
1.1
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the MSC010SDA070B device. TC = 25 °C unless
otherwise specified.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VR
Maximum DC reverse voltage
700
V
VRRM
Maximum peak repetitive reverse voltage
VRWM
Maximum working peak reverse voltage
IF
Maximum DC forward current
TC = 25 °C
24
A
TC = 135 °C 10
TC = 145 °C 8
IFRM
Repetitive peak forward surge current (TC = 25 °C, tp = 8.3 ms, half
sine wave)
34
IFSM
Non-repetitive forward surge current (TC = 25 °C, tp = 8.3 ms, half
sine wave)
58
PTOT
Total power dissipation
TC = 25 °C
83
W
TC = 110 °C 36
EAS
Single-pulse avalanche energy (starting TJ = 25 °C,
peak IL = 10 A)
100
mJ
The following table shows the thermal and mechanical characteristics of the MSC010SDA070B device.
Table 1-2. Thermal and Mechanical Characteristics
Symbol
Characteristic/Test Conditions
Min
Typ
Max
Unit
RθJC
Junction-to-case thermal resistance
1.30
1.80
°C/W
TJ, TSTG
Operating junction and storage temperature
range
–55
175
°C
TL
Lead temperature for 10 seconds
300
Wt
Package weight
0.22
oz
6.2
g
MSC010SDA070B
Device Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS-00003878A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com