Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC010SDA070B Datasheet(PDF) 1 Page - Microchip Technology

Part # MSC010SDA070B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC010SDA070B Datasheet(HTML) 1 Page - Microchip Technology

  MSC010SDA070B Datasheet HTML 1Page - Microchip Technology MSC010SDA070B Datasheet HTML 2Page - Microchip Technology MSC010SDA070B Datasheet HTML 3Page - Microchip Technology MSC010SDA070B Datasheet HTML 4Page - Microchip Technology MSC010SDA070B Datasheet HTML 5Page - Microchip Technology MSC010SDA070B Datasheet HTML 6Page - Microchip Technology MSC010SDA070B Datasheet HTML 7Page - Microchip Technology MSC010SDA070B Datasheet HTML 8Page - Microchip Technology MSC010SDA070B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MSC010SDA070B
Zero Recovery Silicon Carbide Schottky Diode
Product Overview
The silicon carbide (SiC) power Schottky barrier diode (SBD) product line from Microchip increases the performance
over silicon diode solutions while lowering the total cost of ownership for high-voltage applications. The
MSC010SDA070B device is a 700 V, 10 A SiC SBD in a two-lead TO-247 package.
Features
The following are key features of the MSC010SDA070B device:
• No reverse recovery
• Low forward voltage
• Low leakage current
• Avalanche-energy rated
• RoHS compliant
Benefits
The following are benefits of the MSC010SDA070B device:
• High switching frequency
• Low switching losses
• Low noise (EMI) switching
• Higher reliability systems
• Increased system power density
Applications
The MSC010SDA070B device is designed for the following applications:
• Power factor correction (PFC)
• Anti-parallel diode
– Switch-mode power supply
– Inverters/converters
– Motor controllers
• Freewheeling diode
– Switch-mode power supply
– Inverters/converters
• Snubber/clamp diode
© 2021 Microchip Technology Inc.
Datasheet
DS-00003878A-page 1


Similar Part No. - MSC010SDA070B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
Zero Recovery Silicon Carbide Schottky Diode
2021
More results

Similar Description - MSC010SDA070B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT20SCD120B MICROSEMI-APT20SCD120B Datasheet
135Kb / 4P
Zero Recovery Silicon Carbide Schottky Diode
APT30SCD120S MICROSEMI-APT30SCD120S Datasheet
131Kb / 4P
Zero Recovery Silicon Carbide Schottky Diode
logo
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
Silicon Carbide Schottky Diode Zero Recovery Rectifier
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Microchip Technology
MSC010SDA070S MICROCHIP-MSC010SDA070S Datasheet
2Mb / 11P
Zero Recovery Silicon Carbide Schottky Diode
2021
MSC010SDA070K MICROCHIP-MSC010SDA070K Datasheet
2Mb / 12P
Zero Recovery Silicon Carbide Schottky Diode
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com