Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC010SDA070B Datasheet(PDF) 3 Page - Microchip Technology

Part # MSC010SDA070B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC010SDA070B Datasheet(HTML) 3 Page - Microchip Technology

  MSC010SDA070B Datasheet HTML 1Page - Microchip Technology MSC010SDA070B Datasheet HTML 2Page - Microchip Technology MSC010SDA070B Datasheet HTML 3Page - Microchip Technology MSC010SDA070B Datasheet HTML 4Page - Microchip Technology MSC010SDA070B Datasheet HTML 5Page - Microchip Technology MSC010SDA070B Datasheet HTML 6Page - Microchip Technology MSC010SDA070B Datasheet HTML 7Page - Microchip Technology MSC010SDA070B Datasheet HTML 8Page - Microchip Technology MSC010SDA070B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1.2
Electrical Performance
The following table shows the static characteristics of the MSC010SDA070B device. TJ = 25 °C unless otherwise
specified.
Table 1-3. Static Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VF
Forward voltage
IF = 10 A, TJ = 25 °C
1.5
1.8
V
IF = 10 A, TJ = 175 °C
1.8
IRM
Reverse leakage current
VR = 700 V, TJ = 25 °C
3
200
µA
VR = 700 V, TJ = 175 °C
15
QC
Total capacitive charge
VR = 400 V
27
nC
CJ
Junction capacitance
VR = 1 V, f = 1 MHz
353
pF
VR = 200 V, f = 1 MHz
54
VR = 400 V, f = 1 MHz
46
1.3
Typical Performance Curves
This section shows the typical performance curves of the MSC010SDA070B device.
Figure 1-1. Maximum Transient Thermal Impedance
MSC010SDA070B
Device Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS-00003878A-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com