| Electronic Components Datasheet Search |
|
MPC8560CVT667JC Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8560CVT667JC Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 108 page ![]() MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2 Freescale Semiconductor 3 Overview — Executes code from internal ROM or instruction RAM — 32-bit RISC architecture — Tuned for communication environments: instruction set supports CRC computation and bit manipulation. — Internal timer — Interfaces with the embedded e500 core processor through a 32-Kbyte dual-port RAM and virtual DMA channels for each peripheral controller — Handles serial protocols and virtual DMA. — Three full-duplex fast serial communications controllers (FCCs) that support the following protocols: – ATM protocol through UTOPIA interface (FCC1 and FCC2 only) – IEEE Std 802.3™/Fast Ethernet – HDLC – Totally transparent operation — Two multi-channel controllers (MCCs) that together can handle up to 256 HDLC/transparent channels at 64 Kbps each, multiplexed on up to 8 TDM interfaces — Four full-duplex serial communications controllers (SCCs) that support the following protocols: – High level/synchronous data link control (HDLC/SDLC) – LocalTalk (HDLC-based local area network protocol) – Universal asynchronous receiver transmitter (UART) – Synchronous UART (1x clock mode) – Binary synchronous communication (BISYNC) – Totally transparent operation — Serial peripheral interface (SPI) support for master or slave —I2C bus controller — Time-slot assigner supports multiplexing of data from any of the SCCs and FCCs onto eight time-division multiplexed (TDM) interfaces. The time-slot assigner supports the following TDM formats: – T1/CEPT lines –T3/E3 – Pulse code modulation (PCM) highway interface – ISDN primary rate – Freescale interchip digital link (IDL) – General circuit interface (GCI) — User-defined interfaces — Eight independent baud rate generators (BRGs) — Four general-purpose 16-bit timers or two 32-bit timers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |