Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8560CVT667JC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 40Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 41Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 42Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 43Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 44Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 45Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 46Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 47Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
44
Freescale Semiconductor
CPM
9.2 CPM AC Timing Specifications
Table 34 and Table 35 provide the CPM input and output AC timing specifications, respectively.
NOTE: Rise/Fall Time on CPM Input Pins
It is recommended that the rise/fall time on CPM input pins should not
exceed 5 ns. This should be enforced especially on clock signals. Rise time
refers to signal transitions from 10% to 90% of VCC; fall time refers to
transitions from 90% to 10% of VCC.
Output high voltage (IOH = –2.0 mA)
VOH
2.4
—
V
1
Output low voltage (IOL = 3.2 mA)
VOL
—0.4
V
1
Note:
1. This specification applies to the following pins: PA[0–31], PB[4–31], PC[0–31], and PD[4–31].
2. VIL(max) for the IIC interface is 0.8 V rather than the 1.5 V specified in the IIC standard
Table 34. CPM Input AC Timing Specifications 1
Characteristic
Symbol 2
Min 3
Unit
FCC inputs—internal clock (NMSI) input setup time
tFIIVKH
6ns
FCC inputs—internal clock (NMSI) hold time
tFIIXKH
0ns
FCC inputs—external clock (NMSI) input setup time
tFEIVKH
2.5
ns
FCC inputs—external clock (NMSI) hold time
tFEIXKHb2
ns
SCC/SPI inputs—internal clock (NMSI) input setup time
tNIIVKH
6ns
SCC/SPI inputs—internal clock (NMSI) input hold time
tNIIXKH
0ns
SCC/SPI inputs—external clock (NMSI) input setup time
tNEIVKH
4ns
SCC/SPI inputs—external clock (NMSI) input hold time
tNEIXKH
2ns
TDM inputs/SI—input setup time
tTDIVKH
4ns
TDM inputs/SI—hold time
tTDIXKH
3ns
Table 33. CPM DC Electrical Characteristics (continued)
Characteristic
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com