Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B2PR Datasheet(PDF) 52 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 52 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 48Page - Micron Technology EDBA164B2PR Datasheet HTML 49Page - Micron Technology EDBA164B2PR Datasheet HTML 50Page - Micron Technology EDBA164B2PR Datasheet HTML 51Page - Micron Technology EDBA164B2PR Datasheet HTML 52Page - Micron Technology EDBA164B2PR Datasheet HTML 53Page - Micron Technology EDBA164B2PR Datasheet HTML 54Page - Micron Technology EDBA164B2PR Datasheet HTML 55Page - Micron Technology EDBA164B2PR Datasheet HTML 56Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
READs Interrupted by a READ
A burst READ can be interrupted by another READ with a 4-bit burst boundary, provi-
ded that tCCD is met.
Figure 26: READ Burst Interrupt Example – RL = 3, BL = 8, tCCD = 2
READ
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK#
CK
CA[9:0]
CMD
DQS#
DQS
DQ
RL = 3
Transitioning data
READ
NOP
NOP
NOP
tCCD = 2
NOP
D
OUT B0
D
OUT B1
D
OUT B2
D
OUT B3
D
OUT B4
D
OUT B5
D
OUT A0
D
OUT A1
D
OUT A2
D
OUT A3
NOP
NOP
Bank n
col addr a
Col addr a
Bank n
col addr b
Col addr b
Note:
1. READs can only be interrupted by other READs or the BST command.
Burst WRITE Command
The burst WRITE command is initiated with CS# LOW, CA0 HIGH, CA1 LOW, and CA2
LOW at the rising edge of the clock. The command address bus inputs, CA5r–CA6r and
CA1f–CA9f, determine the starting column address for the burst. Write latency (WL) is
defined from the rising edge of the clock on which the WRITE command is issued to the
rising edge of the clock from which the tDQSS delay is measured. The first valid data
must be driven WL × tCK + tDQSS from the rising edge of the clock from which the
WRITE command is issued. The data strobe signal (DQS) must be driven LOW tWPRE
prior to data input. The burst cycle data bits must be applied to the DQ pins tDS prior to
the associated edge of the DQS and held valid until tDH after that edge. Burst data is
sampled on successive edges of the DQS until the 4-, 8-, or 16-bit burst length is com-
pleted. After a burst WRITE operation, tWR must be satisfied before a PRECHARGE
command to the same bank can be issued.
Pin input timings are measured relative to the crosspoint of DQS and its complement,
DQS#.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Burst WRITE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
52
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com