Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B2PR Datasheet(PDF) 94 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 94 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 90Page - Micron Technology EDBA164B2PR Datasheet HTML 91Page - Micron Technology EDBA164B2PR Datasheet HTML 92Page - Micron Technology EDBA164B2PR Datasheet HTML 93Page - Micron Technology EDBA164B2PR Datasheet HTML 94Page - Micron Technology EDBA164B2PR Datasheet HTML 95Page - Micron Technology EDBA164B2PR Datasheet HTML 96Page - Micron Technology EDBA164B2PR Datasheet HTML 97Page - Micron Technology EDBA164B2PR Datasheet HTML 98Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
Input Clock Frequency Changes and Clock Stop with CKE HIGH
During CKE HIGH, the LPDDR2 device supports input clock frequency changes and
clock stop under the following conditions:
• REFRESH requirements are met
• Any ACTIVATE, READ, WRITE, PRECHARGE, MRW, or MRR commands must have
completed, including any associated data bursts, prior to changing the frequency
• Related timing conditions, tRCD, tWR, tRP, tMRW, and tMRR, etc., are met
• CS_n must be held HIGH
• Only REFab or REFpb commands can be in process
The device is ready for normal operation after the clock satisfies tCH(abs) and tCL(abs)
for a minimum of 2 × tCK + tXP.
For input clock frequency changes, tCK(MIN) and tCK(MAX) must be met for each clock
cycle.
After the input clock frequency is changed, additional MRW commands may be re-
quired to set the WR, RL, etc. These settings may require adjustment to meet minimum
timing requirements at the target clock frequency.
For clock stop, CK_t is held LOW and CK_c is held HIGH.
NO OPERATION Command
The NO OPERATION (NOP) command prevents the device from registering any unwan-
ted commands issued between operations. A NOP command can be issued only at
clock cycle N when the CKE level is constant for clock cycle N-1 and clock cycle N. The
NOP command has two possible encodings: CS_n HIGH at the clock rising edge N; and
CS_n LOW with CA0, CA1, CA2 HIGH at the clock rising edge N.
The NOP command will not terminate a previous operation that is still in process, such
as a READ burst or WRITE burst cycle.
Truth Tables
Truth tables provide complementary information to the state diagram. They also clarify
device behavior and applicable restrictions when considering the actual state of the
banks.
Unspecified operations and timings are illegal. To ensure proper operation after an ille-
gal event, the device must be powered down and then restarted using the specified initi-
alization sequence before normal operation can continue.
Table 54: Command Truth Table
Notes 1–13 apply to all parameters conditions
Command
Command Pins
CA Pins
CK
Edge
CKE
CS_n
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
CA8
CA9
CK(n-1) CK(n)
MRW
H
H
L
L
L
L
L
MA0
MA1
MA2
MA3
MA4
MA5
H
H
X
MA6
MA7
OP0
OP1
OP2
OP3
OP4
OP5
OP6
OP7
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
NO OPERATION Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
94
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com