Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B2PR Datasheet(PDF) 64 Page - Micron Technology

Part # EDBA164B2PR
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B2PR Datasheet(HTML) 64 Page - Micron Technology

Back Button EDBA164B2PR Datasheet HTML 60Page - Micron Technology EDBA164B2PR Datasheet HTML 61Page - Micron Technology EDBA164B2PR Datasheet HTML 62Page - Micron Technology EDBA164B2PR Datasheet HTML 63Page - Micron Technology EDBA164B2PR Datasheet HTML 64Page - Micron Technology EDBA164B2PR Datasheet HTML 65Page - Micron Technology EDBA164B2PR Datasheet HTML 66Page - Micron Technology EDBA164B2PR Datasheet HTML 67Page - Micron Technology EDBA164B2PR Datasheet HTML 68Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
Table 48: PRECHARGE and Auto Precharge Clarification (Continued)
From
Command
To Command
Minimum Delay Between Commands
Unit
Notes
WRITE w/AP
PRECHARGE to same bank as WRITE w/AP
WL + BL/2 + RU(tWR/tCK) + 1
CLK
1, 2
PRECHARGE ALL
WL + BL/2 + RU(tWR/tCK) + 1
CLK
1
ACTIVATE to same bank as WRITE w/AP
WL + BL/2 + RU(tWR/tCK) + 1 + RU(tRPpb/tCK)
CLK
1
WRITE or WRITE w/AP (same bank)
Illegal
CLK
3
WRITE or WRITE w/AP (different bank)
BL/2
CLK
3
READ or READ w/AP (same bank)
Illegal
CLK
3
READ or READ w/AP (different bank)
WL + BL/2 + RU(tWTR/tCK) + 1
CLK
3
PRECHARGE
PRECHARGE to same bank as PRECHARGE
1
CLK
1
PRECHARGE ALL
1
CLK
1
PRECHARGE
ALL
PRECHARGE
1
CLK
1
PRECHARGE ALL
1
CLK
1
Notes:
1. For a given bank, the PRECHARGE period should be counted from the latest PRECHARGE
command—either a one-bank PRECHARGE or PRECHARGE ALL—issued to that bank.
The PRECHARGE period is satisfied after tRP, depending on the latest PRECHARGE com-
mand issued to that bank.
2. Any command issued during the specified minimum delay time is illegal.
3. After READ with auto precharge, seamless READ operations to different banks are sup-
ported. After WRITE with auto precharge, seamless WRITE operations to different banks
are supported. READ with auto precharge and WRITE with auto precharge must not be
interrupted or truncated.
REFRESH Command
The REFRESH command is initiated with CS_n LOW, CA0 LOW, CA1 LOW, and CA2
HIGH at the rising edge of the clock. A per-bank REFRESH command is initiated with
CA3 LOW at the rising edge of the clock. The all-bank REFRESH command is initiated
with CA3 HIGH at the rising edge of the clock. A per-bank REFRESH is only supported
in devices with eight banks.
A per-bank REFRESH command (REFpb) performs a per-bank REFRESH operation to
the bank scheduled by the bank counter in the memory device. The bank sequence for
per-bank REFRESH is fixed to be a sequential round-robin: 0-1-2-3-4-5-6-7-0-1-.... The
bank count is synchronized between the controller and the SDRAM by resetting the
bank count to zero. Synchronization can occur upon issuing a RESET command or at
every exit from self refresh.
A bank must be idle before it can be refreshed. The controller must track the bank being
refreshed by the per-bank REFRESH command.
The REFpb command must not be issued to the device until the following conditions
have been met:
• tRFCab has been satisfied after the prior REFab command
• tRFCpb has been satisfied after the prior REFpb command
• tRP has been satisfied after the prior PRECHARGE command to that bank
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
REFRESH Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
64
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com