Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-USB2-BLASTER Datasheet(PDF) 6 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 6 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 2Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 3Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 4Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 5Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
4. Click Browse my computer for driver software to continue.
5. Click Browse… and browse to the location of the driver on your system:
\<Quartus Prime system directory>\drivers\usb-blaster-ii. Click OK.
6. Click Next to install the driver.
7. Click Install when asked if you want to install.
You should now have a JTAG cable showing in the Device Manager.
8. Now, install the driver for the other interface. Go back to step 2 and repeat the
process for the other download cable devices.
When you are finished, you will have added USB-Blast II (JTAG interface)
under JTAG cables.
1.6. Installing the Intel FPGA Download Cable II Driver on Linux
Systems
For Linux, the download cable supports Red Hat Enterprise 5, 6, and 7.
To access the cable, the Quartus Prime software uses the built-in Red Hat USB drivers,
the USB file system (usbfs). By default, root is the only user allowed to use usbfs. You
must have system administration (root) privileges to configure the Intel FPGA
download cable drivers.
1. Create a file named /etc/udev/rules.d/51-usbblaster.rules and add the
following lines to it. (The .rules file may already exist if you have installed an
earlier USB-Blaster version.)
a. Red Hat Enterprise 5 and above
# Intel FPGA Download Cable II
SUBSYSTEMS=="usb", ATTRS{idVendor}=="09fb", ATTRS{idProduct}=="6010",
MODE="0666"
SUBSYSTEMS=="usb", ATTRS{idVendor}=="09fb", ATTRS{idProduct}=="6810",
MODE="0666"
Caution: There should be only three lines in this file, one starting with a comment
and two starting with BUS. Do not add extra line breaks to the .rules
file.
2. Complete your installation by setting up the programming hardware in the Quartus
Prime software. Go to the “Setting Up the Intel FPGA Download Cable II Hardware
with the Quartus Prime Software” section.
For more information about download cable driver installation, refer to the Cable and
Adapter Drivers Information page.
Related Information
Setting Up the Intel FPGA Download Cable II Hardware with the Quartus Prime
Software on page 7
Cable and Adapter Drivers Information
1. Setting Up the Intel FPGA Download Cable II
UG-01150 | 2018.04.19
Intel FPGA Download Cable II User Guide
Send Feedback
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com