Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-USB2-BLASTER Datasheet(PDF) 13 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 13 Page - Intel Corporation

Back Button PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 10Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 11Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 12Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 13Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 14Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 15Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 16Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2.7. JTAG Timing Constraints and Waveforms
Figure 6.
Timing Waveform for JTAG Signals (From Target Device Perspective)
TCK
TDO
TCK
TMS
TDI
tJCP
tJCH
tJCL
tJPCO
tJPSU_TMS
tJPSU_TDI
tJPH
To use the download cable at the maximum capability (24 MHz), meet the timing
constraints like in the tabe below for the target device.
The timing constraints require that you consider device specifications as well as trace
propagation delays. If you do not follow the recommended constraints, you might
encounter timing issues at 24 MHz. If the target design cannot meet these constraints,
reduce the possibility of timing issues by slowing the TCK frequency. See “Changing
the TCK Frequency” section for instructions on running the download cable at a slower
speed.
Table 7.
JTAG Timing Constraints for the Target Device
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
41.67
ns
tJCH
TCK
clock high time
20.83
ns
tJCL
TCK
clock low time
20.83
ns
tJPCO
JTAG port clock to
JTAG Header output
5.46 (2.5 V)
2.66 (1.5 V)
ns
continued...
2. Intel FPGA Download Cable II Specifications
UG-01150 | 2018.04.19
Send Feedback
Intel FPGA Download Cable II User Guide
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com