Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-USB2-BLASTER Datasheet(PDF) 4 Page - Intel Corporation

Part # PL-USB2-BLASTER
Description  Intel FPGA Download Cable II User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB2-BLASTER Datasheet(HTML) 4 Page - Intel Corporation

  PL-USB2-BLASTER Datasheet HTML 1Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 2Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 3Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 4Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 5Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 6Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 7Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 8Page - Intel Corporation PL-USB2-BLASTER Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1.3. Software Requirements and Support
•
Windows 7/8 (32-bit and 64-bit)
•
Windows XP (32-bit and 64-bit)
•
Windows Server 2008 R2 (64-bit)
•
Linux platforms such as Red Hat Enterprise 5
Use the Quartus® Prime software version 14.0 or later to configure your device.
Note:
Quartus Prime software version 13.1 supports most of the download cable’s
capabilities. If you use this version, install the latest patch for full compatibility.
The download cable also supports the following tools:
•
Quartus Prime Programmer (and stand-alone version)
•
Quartus Prime SignalTap® II Logic Analyzer (and stand-alone version)
•
JTAG and debug tools supported by the JTAG Server. For example:
— System Console
— Nios II debugger
— ARM DS-5 debugger
1.4. Installing the Intel FPGA Download Cable II for Configuration
or Programming
1. Disconnect the power cable from the circuit board.
2. Connect the cable to the USB port on your computer and to the download cable
port.
3. Connect the cable to the 10-pin header on the device board.
4. Reconnect the power cable to reapply power to the circuit board.
1. Setting Up the Intel FPGA Download Cable II
UG-01150 | 2018.04.19
Intel FPGA Download Cable II User Guide
Send Feedback
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com