Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9026PRO Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 11Page - ESS Technology,Inc ES9026PRO Datasheet HTML 12Page - ESS Technology,Inc ES9026PRO Datasheet HTML 13Page - ESS Technology,Inc ES9026PRO Datasheet HTML 14Page - ESS Technology,Inc ES9026PRO Datasheet HTML 15Page - ESS Technology,Inc ES9026PRO Datasheet HTML 16Page - ESS Technology,Inc ES9026PRO Datasheet HTML 17Page - ESS Technology,Inc ES9026PRO Datasheet HTML 18Page - ESS Technology,Inc ES9026PRO Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
March 5, 2019
CONFIDENTIAL ADVANCE INFORMATION v3.4
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
15
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
REGISTER SETTINGS
Note: Multi-byte registers use little-endian byte ordering scheme with the least significant byte stored at the lowest register
address and most significant byte stored at the highest register address.
Register 0: System Registers
Bits
[7:4]
[3:2]
[1]
[0]
Mnemonic
osc_drv
clk_gear
reserved
soft_reset
Default
4’b0000
2’b00
1’b0
1’b0
Bit
Mnemonic
Description
[7:4]
osc_drv
Oscillator drive specifies the bias current to the oscillator pad.
•
4’b1111: shut down the oscillator
•
4’b1110: ¼ bias
•
4’b1100: ½ bias
•
4’b1000: ¾ bias
•
4’b0000: full bias (default)
[3:2]
clk_gear
Configures a clock divider network that can reduce the power
consumption of the chip by reducing the clock frequency supplied to
both the digital core and analog stages.
•
2'b00: MCLK = XIN (default)
•
2'b01: MCLK = XIN / 2
•
2'b10: MCLK = XIN / 4
•
2'b11: MCLK = XIN / 8
[1]
reserved
[0]
soft_reset
Software configurable hardware reset with the ability to reset the design
to its initial power-on configuration.
•
1’b1: resets the SABRE DAC to its power-on defaults
•
1’b0: normal operation (default)
Note
: This register will always read as “1’b0” as the power-on default
for this re
gister is “1’b0”. A reset can be verified by checking the status
of other modified registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com