Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9026PRO Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 26Page - ESS Technology,Inc ES9026PRO Datasheet HTML 27Page - ESS Technology,Inc ES9026PRO Datasheet HTML 28Page - ESS Technology,Inc ES9026PRO Datasheet HTML 29Page - ESS Technology,Inc ES9026PRO Datasheet HTML 30Page - ESS Technology,Inc ES9026PRO Datasheet HTML 31Page - ESS Technology,Inc ES9026PRO Datasheet HTML 32Page - ESS Technology,Inc ES9026PRO Datasheet HTML 33Page - ESS Technology,Inc ES9026PRO Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.4
March 5, 2019
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
30
Register 28-29: THD Compensation C2
Bits
[15:0]
Mnemonic
thd_comp_c2
Default
16’d0
Bit
Mnemonic
Description
[15:0]
thd_comp_c2
A 16-bit signed coefficient for correcting for the second harmonic
distortion. Defaults to 16’d0.
Register 30-31: THD Compensation C3
Bits
[15:0]
Mnemonic
thd_comp_c3
Default
16’d0
Bit
Mnemonic
Description
[15:0]
thd_comp_c3
A 16-bit signed coefficient for correcting for the third harmonic distortion.
Defaults to 16’d0.
Register 32: Programmable FIR RAM Address
Bits
[7:0]
Mnemonic
prog_coeff_addr
Default
8’d0
Bit
Mnemonic
Description
[7]
coeff_stage
Selects which stage of the filter to write.
1’b0: selects stage 1 of the oversampling filter (default)
1’b1: selects stage 2 of the oversampling filter
[6:0]
coeff_addr
Selects the coefficient address when writing custom coefficients for the
oversampling filter.
Register 33-36: Programmable FIR RAM Data
Bits
[31:0]
Mnemonic
prog_coeff_data
Default
32’d0
Bit
Mnemonic
Description
[31:0]
coeff_data
A 32-bit signed filter coefficient that will be written to the address defined
in prog_coeff_addr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com