Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9026PRO Datasheet(PDF) 36 Page - ESS Technology,Inc

Part # ES9026PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9026PRO Datasheet(HTML) 36 Page - ESS Technology,Inc

Back Button ES9026PRO Datasheet HTML 32Page - ESS Technology,Inc ES9026PRO Datasheet HTML 33Page - ESS Technology,Inc ES9026PRO Datasheet HTML 34Page - ESS Technology,Inc ES9026PRO Datasheet HTML 35Page - ESS Technology,Inc ES9026PRO Datasheet HTML 36Page - ESS Technology,Inc ES9026PRO Datasheet HTML 37Page - ESS Technology,Inc ES9026PRO Datasheet HTML 38Page - ESS Technology,Inc ES9026PRO Datasheet HTML 39Page - ESS Technology,Inc ES9026PRO Datasheet HTML 40Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.4
March 5, 2019
ES9026PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
36
Register 57-61: Reserved
Bits
[39:36]
[35:0]
Mnemonic
reserved
reserved
Default
4
’d4
36
’d0
Register 62: +18dB Channel Gain
Bits
[7:0]
Mnemonic
18db_channel_gain
Default
8’b00000000
Bit
Mnemonic
Description
[7]
data8_gain
•
1’b0: No gain applied (default) to data channel 8
•
1’b1: +18dB gain applied after volume control
[6]
data7_gain
•
1’b0: No gain applied (default) to data channel 7
•
1’b1: +18dB gain applied after volume control
[5]
data6_gain
•
1’b0: No gain applied (default) to data channel 6
•
1’b1: +18dB gain applied after volume control
[4]
data5_gain
•
1’b0: No gain applied (default) to data channel 5
•
1’b1: +18dB gain applied after volume control
[3]
data4_gain
•
1’b0: No gain applied (default) to data channel 4
•
1’b1: +18dB gain applied after volume control
[2]
data3_gain
•
1’b0: No gain applied (default) to data channel 3
•
1’b1: +18dB gain applied after volume control
[1]
data2_gain
•
1’b0: No gain applied (default) to data channel 2
•
1’b1: +18dB gain applied after volume control
[0]
data1_gain
•
1’b0: No gain applied (default) to data channel 1
•
1’b1: +18dB gain applied after volume control
Note: The +18dB gain only works in PCM mode and is applied prior to the channel mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com