Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN23N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN23N100
Description  HiPerFET-TM Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN23N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN23N100 Datasheet HTML 1Page - IXYS Corporation IXFN23N100 Datasheet HTML 2Page - IXYS Corporation IXFN23N100 Datasheet HTML 3Page - IXYS Corporation IXFN23N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
fuvp=jlpcbqp=~åÇ=fd_që=~êÉ=ÅçîÉêÉÇ=Äó=çåÉ=çê=ãçêÉ=çÑ=íÜÉ=ÑçääçïáåÖ=rKpK=é~íÉåíëW
QIUPRIRVO
QIUUNINMS
RIMNTIRMU
RIMQVIVSN
RINUTINNT
RIQUSITNR
QIURMIMTO
QIVPNIUQQ
RIMPQITVS
RIMSPIPMT
RIOPTIQUN
RIPUNIMOR
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25, Note 2
15
22
S
C
iss
7000
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
750
pF
C
rss
260
pF
t
d(on)
35
n s
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
35
n s
t
d(off)
R
G
= 1
Ω (External),
75
n s
t
f
21
n s
Q
g(on)
250
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
55
nC
Q
gd
135
nC
R
thJC
0.21
K/W
R
thCK
0.05
K/W
Source-Drain Diode
(T
J = 25°C, unless otherwise specified)
Characteristic Values
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS
= 0
= 24N100
24
A
23N100
23
A
I
SM
Repetitive;
24N100
96
A
pulse width limited by T
JM
OPkNMM
92
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
t
rr
250
n s
Q
RM
I
F = IS, -di/dt = 100 A/µs, V R = 100 V
1.0
µC
I
RM
8
A
M4 screws (4x) supplied
aáãK
jáääáãÉíÉê
fåÅÜÉë
jáåK
j~ñK
jáåK
j~ñK
^
PNKRM
PNKUU
NKOQM
NKORR
_
TKUM
UKOM
MKPMT
MKPOP
`
QKMV
QKOV
MKNSN
MKNSV
a
QKMV
QKOV
MKNSN
MKNSV
b
QKMV
QKOV
MKNSN
MKNSV
c
NQKVN
NRKNN
MKRUT
MKRVR
dPMKNO
PMKPM
NKNUS
NKNVP
e
PUKMM
PUKOP
NKQVS
NKRMR
g
NNKSU
NOKOO
MKQSM
MKQUN
h
UKVO
VKSM
MKPRN
MKPTU
i
MKTS
MKUQ
MKMPM
MKMPP
j
NOKSM
NOKUR
MKQVS
MKRMS
k
ORKNR
ORKQO
MKVVM
NKMMN
l
NKVU
OKNP
MKMTU
MKMUQ
m
QKVR
RKVT
MKNVR
MKOPR
n
OSKRQ
OSKVM
NKMQR
NKMRV
o
PKVQ
QKQO
MKNRR
MKNTQ
p
QKTO
QKUR
MKNUS
MKNVN
q
OQKRV
ORKMT
MKVSU
MKVUT
r
JMKMR
MKN
JMKMMO
MKMMQ
miniBLOC, SOT-227 B
kçíÉëW=NK=mìäëÉ=ïáÇíÜ=äáãáíÉÇ=Äó=q
gjK
2. Pulse test, t
≤ 300 ms, duty cycle d ≤ 2 %K
IXFN 23N100
IXFN 24N100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com